Electronic Components Datasheet Search
  English  ▼

X  

TC7106 Datasheet(PDF) 20 Page - Microchip Technology

Part # TC7106
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7106 Datasheet(HTML) 20 Page - Microchip Technology

Back Button TC7106 Datasheet HTML 16Page - Microchip Technology TC7106 Datasheet HTML 17Page - Microchip Technology TC7106 Datasheet HTML 18Page - Microchip Technology TC7106 Datasheet HTML 19Page - Microchip Technology TC7106 Datasheet HTML 20Page - Microchip Technology TC7106 Datasheet HTML 21Page - Microchip Technology TC7106 Datasheet HTML 22Page - Microchip Technology TC7106 Datasheet HTML 23Page - Microchip Technology TC7106 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
TC7106/A/TC7107/A
DS21455D-page 20
© 2008 Microchip Technology Inc.
10.0
TYPICAL APPLICATIONS
10.1
Decimal Point and Annunciator
Drive
The TEST pin is connected to the internally generated
digital logic supply ground through a 500
Ω resistor. The
TEST pin may be used as the negative supply for
external CMOS gate segment drivers. LCD display
annunciators for decimal points, low battery indication,
or function indication may be added without adding an
additional supply. No more than 1 mA should be
supplied by the TEST pin; its potential is approximately
5V below V+ (see Figure 10-1
).
FIGURE 10-1:
Decimal Point Drive Using
Test as Logic Ground.
10.2
Ratiometric Resistance
Measurements
The true differential input and differential reference
make ratiometric reading possible. Typically in a
ratiometric operation, an unknown resistance is
measured,
with
respect
to
a
known
standard
resistance. No accurately defined reference voltage is
needed.
The unknown resistance is put in series with a known
standard and a current passed through the pair. The
voltage developed across the unknown is applied to the
input and the voltage across the known resistor is
applied to the reference input. If the unknown equals
the standard, the display will read 1000.
The displayed reading can be determined from the
following expression:
EQUATION 10-1:
The display will over range for:
RUNKNOWN ≥ 2 x RSTANDARD
FIGURE 10-2:
Low Parts Count
Ratiometric Resistance Measurement.
FIGURE 10-3:
Temperature Sensor.
TC7106A
BP
TEST
37
21
V+
V+
GND
To LCD
Decimal
Point
To LCD
Decimal
Point
To LCD
Backplane
4049
TC7106A
Decimal
Point
Select
V+
V+
TEST
GND
4030
BP
Displayed (Reading)
R
UNKNOWN
R
STANDARD
-----------------------------
1000
×
=
V
REF
+
V
REF
-
V
IN
+
V
IN -
Analog
Common
TC7106A
LCD Display
R
STANDARD
R
UNKNOWN
V+
V+
V-
V
IN
-
V
IN
+
V
REF
+
V
REF
-
Common
50 kΩ
R
2
160 kΩ
300 kΩ
300kΩ
R
1
50 kΩ
1N4148
Sensor
9V
+
TC7106A
V
FS
= 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com