Electronic Components Datasheet Search
  English  ▼

X  

TC7106CPL Datasheet(PDF) 10 Page - Microchip Technology

Part # TC7106CPL
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7106CPL Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC7106CPL Datasheet HTML 6Page - Microchip Technology TC7106CPL Datasheet HTML 7Page - Microchip Technology TC7106CPL Datasheet HTML 8Page - Microchip Technology TC7106CPL Datasheet HTML 9Page - Microchip Technology TC7106CPL Datasheet HTML 10Page - Microchip Technology TC7106CPL Datasheet HTML 11Page - Microchip Technology TC7106CPL Datasheet HTML 12Page - Microchip Technology TC7106CPL Datasheet HTML 13Page - Microchip Technology TC7106CPL Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
TC7106/A/TC7107/A
DS21455D-page 10
© 2008 Microchip Technology Inc.
5.0
DIGITAL SECTION (TC7106A)
The TC7106A (Figure 5-2) contains all the segment
drivers necessary to directly drive a 3-1/2 digit liquid
crystal display (LCD). An LCD backplane driver is
included. The backplane frequency is the external
clock
frequency
divided
by
800.
For
three
conversions per second, the backplane frequency is
60Hz with a 5V nominal amplitude. When a segment
driver is in phase with the backplane signal, the
segment is “OFF.” An out of phase segment drive
signal causes the segment to be “ON” or visible. This
AC drive configuration results in negligible DC voltage
across each LCD segment. This insures long LCD
display life. The polarity segment driver is “ON” for
negative analog inputs. If VIN+ and VIN- are reversed,
this indicator will reverse.
When the TEST pin on the TC7106A is pulled to V+, all
segments are turned “ON.” The display reads -1888.
During this mode, the LCD segments have a constant
DC
voltage
impressed.
DO
NOT
LEAVE
THE
DISPLAY
IN
THIS
MODE
FOR
MORE
THAN
SEVERAL MINUTES! LCD displays may be destroyed
if operated with DC levels for extended periods.
The display font and the segment drive assignment are
shown in Figure 5-1.
FIGURE 5-1:
Display Font and Segment
Assignment
In the TC7106A, an internal digital ground is generated
from a 6-volt zener diode and a large P channel source
follower. This supply is designed to absorb the large
capacitive currents when the backplane voltage is
switched.
Display Font
1000s'
100s'
10s'
1s'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com