Electronic Components Datasheet Search
  English  ▼

X  

TC7106CPL Datasheet(PDF) 12 Page - Microchip Technology

Part # TC7106CPL
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7106CPL Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC7106CPL Datasheet HTML 8Page - Microchip Technology TC7106CPL Datasheet HTML 9Page - Microchip Technology TC7106CPL Datasheet HTML 10Page - Microchip Technology TC7106CPL Datasheet HTML 11Page - Microchip Technology TC7106CPL Datasheet HTML 12Page - Microchip Technology TC7106CPL Datasheet HTML 13Page - Microchip Technology TC7106CPL Datasheet HTML 14Page - Microchip Technology TC7106CPL Datasheet HTML 15Page - Microchip Technology TC7106CPL Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
TC7106/A/TC7107/A
DS21455D-page 12
© 2008 Microchip Technology Inc.
6.0
DIGITAL SECTION (TC7107A)
Figure 6-2 shows a TC7106A block diagram. It is
designed to drive common anode LEDs. It is identical
to the TC7106A, except that the regulated supply and
backplane drive have been eliminated and the segment
drive is typically 8 mA. The 1000’s output (Pin 19) sinks
current from two LED segments, and has a 16 mA drive
capability.
In both devices, the polarity indication is “ON” for
negative analog inputs. If VIN- and VIN+ are reversed,
this indication can be reversed also, if desired.
The display font is the same as the TC7106A.
6.1
System Timing
The oscillator frequency is divided by 4 prior to clocking
the
internal
decade
counters.
The
four-phase
measurement cycle takes a total of 4000 counts, or
16,000 clock pulses. The 4000-count cycle is indepen-
dent of input signal magnitude.
Each phase of the measurement cycle has the
following length:
1.
Auto-zero phase: 1000 to 3000 counts (4000 to
12000 clock pulses).
For signals less than full scale, the auto-zero phase is
assigned the unused reference integrate time period:
2.
Signal integrate: 1000 counts (4000 clock
pulses).
This time period is fixed. The integration period is:
EQUATION 6-1:
3.
Reference Integrate: 0 to 2000 counts (0 to 8000
clock pulses).
The TC7106A/TC7107A are drop-in replacements for
the TC7106/TC7107 parts. External component value
changes are not required to benefit from the low drift
internal reference.
6.2
Clock Circuit
Three clocking methods may be used (see Figure 6-1):
1.
An external oscillator connected to Pin 40.
2.
A crystal between Pins 39 and 40.
3.
An RC oscillator using all three pins.
FIGURE 6-1:
Clock Circuits.
Where:
FOSC
=
Externally set clock frequency
T
SI
4
F
OSC
-------------
1000
×
=
TC7106A
TC7107A
4
Crystal
RC Network
40
38
EXT
OSC
39
µ
To TEST Pin on TSC7106A
To GND Pin on TSC7107A
To
Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com