Electronic Components Datasheet Search
  English  ▼

X  

AM27X512 Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AM27X512
Description  512 Kilobit (64 K x 8-Bit) CMOS ExpressROM Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27X512 Datasheet(HTML) 4 Page - Advanced Micro Devices

  AM27X512 Datasheet HTML 1Page - Advanced Micro Devices AM27X512 Datasheet HTML 2Page - Advanced Micro Devices AM27X512 Datasheet HTML 3Page - Advanced Micro Devices AM27X512 Datasheet HTML 4Page - Advanced Micro Devices AM27X512 Datasheet HTML 5Page - Advanced Micro Devices AM27X512 Datasheet HTML 6Page - Advanced Micro Devices AM27X512 Datasheet HTML 7Page - Advanced Micro Devices AM27X512 Datasheet HTML 8Page - Advanced Micro Devices AM27X512 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Am27X512
FUNCTIONAL DESCRIPTION
Read Mode
To obtain data at the device outputs, Chip Enable (CE#)
and Output Enable (OE#) must be driven low. CE# con-
trols the power to the device and is typically used to se-
lect the device. OE# enables the device to output data,
independent of device selection. Addresses must be
stable for at least tACC–tOE. Refer to the Switching
Waveforms section for the timing diagram.
Standby Mode
The device enters the CMOS standby mode when CE#
is at VCC ± 0.3 V. Maximum VCC current is reduced to
100 µA. The device enters the TTL-standby mode
when CE# is at VIH. Maximum VCC current is reduced
to 1.0 mA. When in either standby mode, the device
places its outputs in a high-impedance state, indepen-
dent of the OE# input.
Output OR-Tieing
To accommodate multiple memory connections, a
two-line control function provides:
s Low memory power dissipation, and
s Assurance that output bus contention will not occur.
CE# should be decoded and used as the primary de-
vice-selecting function, while OE#/VPP be made a com-
mon connection to all devices in the array and
connected to the READ line from the system control
bus. This assures that all deselected memory devices
are in their low-power standby mode and that the out-
put pins are only active when data is desired from a
particular memory device.
System Applications
During the switch between active and standby condi-
tions, transient current peaks are produced on the ris-
ing and falling edges of Chip Enable. The magnitude of
these transient current peaks is dependent on the out-
put capacitance loading of the device. At a minimum, a
0.1 µF ceramic capacitor (high frequency, low inherent
inductance) should be used on each device between
VCC and VSS to minimize transient effects. In addition,
to overcome the voltage drop caused by the inductive
effects of the printed circuit board traces on Express-
ROM device arrays, a 4.7 µF bulk electrolytic capacitor
should be used between VCC and VSS for each eight
devices. The location of the capacitor should be close
to where the power supply is connected to the array.
MODE SELECT TABLE
Note:
X = Either VIH or VIL.
Mode
CE#
OE#/VPP
Outputs
Read
VIL
VIL
DOUT
Output Disable
X
VIH
High Z
Standby (TTL)
VIH
X
High Z
Standby (CMOS)
VCC ± 0.3 V
X
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com