Electronic Components Datasheet Search
  English  ▼

X  

AM27X512 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM27X512
Description  512 Kilobit (64 K x 8-Bit) CMOS ExpressROM Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27X512 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM27X512 Datasheet HTML 1Page - Advanced Micro Devices AM27X512 Datasheet HTML 2Page - Advanced Micro Devices AM27X512 Datasheet HTML 3Page - Advanced Micro Devices AM27X512 Datasheet HTML 4Page - Advanced Micro Devices AM27X512 Datasheet HTML 5Page - Advanced Micro Devices AM27X512 Datasheet HTML 6Page - Advanced Micro Devices AM27X512 Datasheet HTML 7Page - Advanced Micro Devices AM27X512 Datasheet HTML 8Page - Advanced Micro Devices AM27X512 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FINAL
Publication# 12081
Rev: F Amendment/0
Issue Date: May 1998
Am27X512
512 Kilobit (64 K x 8-Bit) CMOS ExpressROM Device
DISTINCTIVE CHARACTERISTICS
s As an OTP EPROM alternative:
— Factory optimized programming
— Fully tested and guaranteed
s As a Mask ROM alternative:
— Shorter leadtime
— Lower volume per code
s Fast access time
— 70 ns
s Single +5 V power supply
s Compatible with JEDEC-approved EPROM
pinout
s
±10% power supply tolerance
s High noise immunity
s Low power dissipation
— 100 µA maximum CMOS standby current
s Available in Plastic Dual-In-line Package (PDIP)
and Plastic Leaded Chip Carrier (PLCC)
s Latch-up protected to 100 mA from –1 V to
VCC + 1 V
s Versatile features for simple interfacing
— Both CMOS and TTL input/output compatibility
— Two line control functions
GENERAL DESCRIPTION
The Am27X512 is a factory programmed and tested
OTP EPROM. It is programmed after packaging prior to
final test. Every device is rigorously tested under AC
and DC operating conditions to your stable code. It is
organized as 64 Kwords by 8 bits per word and is avail-
able in plastic dual in-line packages (PDIP), as well as
plastic leaded chip carrier (PLCC) packages. Express-
ROM devices provide a board-ready memory solution
for medium to high volume codes with short leadtimes.
This offers manufacturers a cost-effective and flexible
alternative to OTP EPROMs and mask programmed
ROMs.
Data can be accessed as fast as 70 ns, allowing
high-performance microprocessors to operate with re-
duced WAIT states. The device offers separate Output
Enable (OE#) and Chip Enable (CE#) controls, thus
eliminating bus contention in a multiple bus micropro-
cessor system.
AMD’s CMOS process technology provides high
speed, low power, and high noise immunity. Typical
power consumption is only 80 mW in active mode, and
100 µW in standby mode.
BLOCK DIAGRAM
12081F-1
A0–A15
Address
Inputs
CE#
OE#
VCC
VSS
Data Outputs DQ0–DQ7
Output
Buffers
Y
Gating
524,288
Bit Cell
Matrix
X
Decoder
Y
Decoder
Output Enable
Chip Enable
and
Prog Logic


Similar Part No. - AM27X512

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27X010 AMD-AM27X010 Datasheet
138Kb / 10P
1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device
AM27X010-120JC AMD-AM27X010-120JC Datasheet
138Kb / 10P
1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device
AM27X010-120JI AMD-AM27X010-120JI Datasheet
138Kb / 10P
1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device
AM27X010-120PC AMD-AM27X010-120PC Datasheet
138Kb / 10P
1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device
AM27X010-120PI AMD-AM27X010-120PI Datasheet
138Kb / 10P
1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device
More results

Similar Description - AM27X512

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
512 Kilobit (64 K x 8-Bit) CMOS EPROM
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM27X010 AMD-AM27X010 Datasheet
138Kb / 10P
1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device
AM27X020 AMD-AM27X020 Datasheet
136Kb / 10P
2 Megabit (256 K x 8-Bit) CMOS ExpressROM Device
AM27X040 AMD-AM27X040 Datasheet
132Kb / 10P
4 Megabit (512 K x 8-Bit) CMOS ExpressROM Device
AM27X128 AMD-AM27X128 Datasheet
139Kb / 10P
128 Kilobit (16 K x 8-Bit) CMOS ExpressROM Device
AM27X256 AMD-AM27X256 Datasheet
139Kb / 10P
256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
AM27X64 AMD-AM27X64 Datasheet
139Kb / 10P
64 Kilobit (8 K x 8-Bit) CMOS ExpressROM Device
AM28F512 AMD-AM28F512 Datasheet
484Kb / 35P
512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AMD27C64 AMD-AMD27C64 Datasheet
88Kb / 11P
64 Kilobit (8,192 x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com