Electronic Components Datasheet Search
  English  ▼

X  

MPQ4560DN Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MPQ4560DN
Description  Industrial-Grade, 2A, 2MHz, 55V Step-Down Converter Available in AEC-Q100
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4560DN Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MPQ4560DN Datasheet HTML 10Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 11Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 12Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 13Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 14Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 15Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 16Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 17Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
MPQ4560
– 2A, 2MHz, 55V, STEP-DOWN CONVERTER
MPQ4560 Rev. 1.1
www.MonolithicPower.com
14
3/29/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Input Capacitor
The input current to the step-down converter is
discontinuous and requires a capacitor to supply
the AC current to the step-down converter while
maintaining the DC input voltage. Use capacitors
with low equivalent series resistances (ESR) for
the best performance. Ceramic capacitors are
best,
but
tantalum
or
low-ESR
electrolytic
capacitors may also suffice.
For simplification, choose the input capacitor with
an RMS current rating greater than half of the
maximum load current. The input capacitor (C1)
can be electrolytic, tantalum, or ceramic.
When using electrolytic or tantalum capacitors,
place a small, high-quality, ceramic capacitor
(
0.1μF) as close to the IC as possible. When
using ceramic capacitors, make sure that they
have enough capacitance to provide sufficient
charge to prevent excessive voltage ripple at the
input.
The
input
voltage
ripple
caused
by
capacitance is approximately:


IN
OUT
IN
OUT
S
LOAD
IN
V
V
1
V
V
1
C
f
I
V
Output Capacitor
The output capacitor (C2) maintains the DC
output voltage. Use ceramic, tantalum, or low-
ESR electrolytic capacitors. Low-ESR capacitors
are preferred to keep the output voltage ripple
low. The output voltage ripple can be estimated
as:




2
C
f
8
1
R
V
V
1
L
f
V
V
S
ESR
IN
OUT
S
OUT
OUT
Where L is the inductor value and RESR is the
ESR value of the output capacitor.
For
ceramic
capacitors,
the
capacitance
dominates
the
impedance
at
the
switching
frequency and contributes the most to the output
voltage ripple. For simplification, the output
voltage ripple can be estimated by:


IN
OUT
2
S
OUT
OUT
V
V
1
2
C
L
f
8
V
ΔV
For tantalum or electrolytic capacitors, the ESR
dominates
the
impedance
at
the
switching
frequency. For simplification, the output ripple is
approximately:
ESR
IN
OUT
S
OUT
OUT
R
V
V
1
L
f
V
ΔV


The characteristics of the output capacitor also
affect the stability of the regulation system. The
MPQ4560 can be optimized for a wide range of
capacitances and ESR values.
Compensation Components
MPQ4560 employs current-mode control for easy
compensation and fast transient response. The
COMP pin controls the system stability and
transient response. The COMP pin is the output
of the internal error amplifier. A series capacitor-
resistor
combination
sets
a
pole-zero
combination to control the
control system’s
characteristics. The DC gain of the voltage
feedback loop is:
OUT
FB
VEA
CS
LOAD
VDC
V
V
A
G
R
A
Where
 A
VEA
is the error-amplifier
voltage gain,
400V/V;
 G
CS is the current-sense transconductance,
5.6A/V; and
 R
LOAD is the load resistor value.
The system has two important poles: One from
the compensation capacitor (C3) and the output
resistor of error amplifier, and the other due to
the output capacitor and the load resistor. These
poles are located at:
EA
P1
VEA
G
f
2
π C3 A

P2
LOAD
1
f
2
π C2 R

Where,
GEA
is
the
error-amplifier
transconductance, 120
μA/V.
The system has one important zero due to the
compensation capacitor and the compensation
resistor (R3). This zero is located at:
Z1
1
f
2
π C3 R3




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com