Electronic Components Datasheet Search
  English  ▼

X  

MPQ4560DN Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MPQ4560DN
Description  Industrial-Grade, 2A, 2MHz, 55V Step-Down Converter Available in AEC-Q100
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4560DN Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MPQ4560DN Datasheet HTML 12Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 13Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 14Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 15Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 16Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 17Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 18Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 19Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
MPQ4560
– 2A, 2MHz, 55V STEP-DOWN CONVERTER
MPQ4560 Rev. 1.1
www.MonolithicPower.com
16
3/29/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
 for high duty-cycle operation (when V
OUT/VIN >
65%).
The bootstrap diode can be a low cost one such
as IN4148 or BAT54.
Figure 2: External Bootstrap Diode
At no-load or light-load, the converter may
operate in pulse-skipping mode in order to
maintain output-voltage regulation. Thus there is
less time to refresh the BS voltage. For sufficient
gate voltage during pulse-skipping, VIN–VOUT>3V.
For example, if the VOUT=3.3V, VIN must be
exceed 3.3V+3V=6.3V to maintain sufficient BST
voltage at no-load or light-load. To meet this
requirement, the EN pin can program the input
UVLO voltage to VOUT+3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com