Electronic Components Datasheet Search
  English  ▼

X  

AD8303 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8303
Description  3 V, Dual, Serial Input Complete 12-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8303 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8303 Datasheet HTML 8Page - Analog Devices AD8303 Datasheet HTML 9Page - Analog Devices AD8303 Datasheet HTML 10Page - Analog Devices AD8303 Datasheet HTML 11Page - Analog Devices AD8303 Datasheet HTML 12Page - Analog Devices AD8303 Datasheet HTML 13Page - Analog Devices AD8303 Datasheet HTML 14Page - Analog Devices AD8303 Datasheet HTML 15Page - Analog Devices AD8303 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8303
REV. 0
–12–
BIPOLAR OUTPUT OPERATION
Although the AD8303 has been designed for single-supply
operation, the output can also be configured for bipolar
operation. A typical circuit is shown in Figure 31. This circuit
uses the AD8303’s internal voltage reference to generate a
bipolar offset. Since VREF must source current in this
application, one half of an OP293 dual op amp is used as a
buffer. The other op amp then amplifies the DAC output
voltage to produce a bipolar output swing. The output voltage is
coded in offset binary and is given by:
VO = 0.5 mV × Digital Code ×
R4
R3
+ R4


× 1+
R2
R1


–1.0 V
×
R2
R1
where 0.5 mV represents the pretrimmed value for one LSB of
the AD8303, Digital Code is the digital code sent to the DAC,
and 1.0 V is the AD8303 reference voltage.
SDI
CLK
CS
LDA
LDB
RS
MSB
SHDN
AD8303
13
2
14
4
1
VOUTA
VOUTB
+3V
AGND DGND
VDD
OPTIONAL
FULL-SCALE
TRIM
3
+3V
–3V
1/2
OP293
VOUT = ±2.048V
OPTIONAL
ZERO TRIM
R4
19.08k
Ω
R1
10k
Ω
R2
20.48k
Ω
R3
10k
Ω
VREF
7
6
5
8
10
9
11
12
1/2
OP293
Figure 31. Bipolar Output Operation
For a
±2.048 V full scale using the circuit values shown, the
transfer function becomes:
VO = 1 mV × Digital Code – 2.048 V
Note that the full-scale span has increased from 2.048 V to
4.096 V (
±2.048 V). Therefore, although each AD8303 LSB
represents 0.5 mV, each output LSB of the bipolar circuit has
been scaled to 1 mV. The code table for this circuit is shown in
Table IV.
Table IV. Bipolar Code Table
Hexadecimal Number Decimal Number
Analog Output
in DAC Register
in DAC Register
Voltage (V)
FFF
4095
2.047
801
2049
0.001
800
2048
0
7FF
2047
–0.001
000
0
–2.048
As with the false-ground generator circuit, resistor matching is
important to maintain accuracy. Resistor pairs R1-R2 and
R3-R4 should be selected to match within 0.01%. In addition,
these resistors must be of the same type (preferably metal film)
to insure temperature coefficient matching. Mismatching
between R1 and R2 causes offset and gain errors while an R3 to
R4 mismatch yields gain errors.
GENERATING A NEGATIVE SUPPLY VOLTAGE
Some applications may require a bipolar output configuration,
as shown in Figure 31, but only have a single power supply rail
available. This is very common in data acquisition systems using
microprocessor-based systems. In these systems, +12 V, +15 V,
and/or +5 V only are available. Single supply rails are, of course,
common in battery-powered systems. Shown in Figure 32 is a
method of generating a negative supply using a single IC and
two capacitors. The ADM8660 employs a charge pump
technique to invert supply voltages as low as 1.5 V. A shutdown
feature on the ADM8660 complements the shutdown of the
AD8303. Note, however, that the ADM8660 requires about
500
µs to turn on after exiting the shutdown state.
+3V
10µF
ADM8660
V+
GND
SHUTDOWN
LV
OSC
FC
CAP+
CAP–
2
4
61
3
7
5
8
10µF
1/6
74HC04
SHDN FROM AD8303
–3V
Figure 32. Generating a Negative Supply Voltage
MICROCOMPUTER INTERFACES
The AD8303 serial data input provides an easy interface to a
variety of single-chip microcomputers (
µCs). Many µCs have a
built-in serial data capability which can be used for communi-
cating with the DAC. In cases where no serial port is provided,
or it is being used for some other purpose (such as an RS-232
communications interface), the AD8303 can easily be addressed
in software.
Twelve data bits are required to load a value into the AD8303.
If more than 12 bits are transmitted before the Chip Select
input goes high, the extra (i.e., the most significant) bits are
ignored. This feature is valuable because most
µCs only transmit
data in 8-bit increments. Thus, the
µC sends 16 bits to the DAC
instead of 12 bits. The AD8303 will only respond to the last 12
bits clocked into the SDI input, however, so the serial data
interface is not affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com