Electronic Components Datasheet Search
  English  ▼

X  

AD8303 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8303
Description  3 V, Dual, Serial Input Complete 12-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8303 Datasheet(HTML) 2 Page - Analog Devices

  AD8303 Datasheet HTML 1Page - Analog Devices AD8303 Datasheet HTML 2Page - Analog Devices AD8303 Datasheet HTML 3Page - Analog Devices AD8303 Datasheet HTML 4Page - Analog Devices AD8303 Datasheet HTML 5Page - Analog Devices AD8303 Datasheet HTML 6Page - Analog Devices AD8303 Datasheet HTML 7Page - Analog Devices AD8303 Datasheet HTML 8Page - Analog Devices AD8303 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
+3 V OPERATION
Parameter
Symbol
Condition
Min
Typ1
Max Units
STATIC PERFORMANCE
Resolution
2
N
12
Bits
Relative Accuracy
2
INL
–2
±1/2
+2
LSB
Differential Nonlinearity
2
DNL
Monotonic, TA = +25°C
–3/4
±1/4
+3/4
LSB
Differential Nonlinearity
2
DNL
Monotonic
–1
±1/2
+1
LSB
Zero-Scale Error
VZSE
Data = 000H
1.25
+4.5
mV
Full-Scale Voltage
3
VFS
Data = FFFH
2
2.039 2.0475 2.056 Volts
Full-Scale Tempco
3, 4
TCVFS
16
ppm/
°C
ANALOG OUTPUTS
Output Current
IOUT
Data = 800H, ∆VOUT < 3 mV
±3mA
Output Resistance to GND
ROUT
Data = 000H
30
Ω
Capacitive Load
4
CL
No Oscillation
3
500
pF
REFERENCE OUTPUT
Output Voltage
VREF
Load > 1 M
Ω
1V
LOGIC INPUTS
Logic Input Low Voltage
VIL
0.6
V
Logic Input High Voltage
VIH
2.1
V
Input Leakage Current
IIL
10
µA
Input Capacitance
4
CIL
10
pF
INTERFACE TIMING SPECIFICATIONS
4, 5
Clock Width High
tCH
40
ns
Clock Width Low
tCL
40
ns
Load Pulse Width
tLDW
40
ns
Data Setup
tDS
15
ns
Data Hold
tDH
15
ns
Reset Pulse Width
tRS
40
ns
Load Setup
tLD1
15
ns
Load Hold
tLD2
40
ns
Select
tCSS
40
ns
Deselect
tCSH
40
ns
AC CHARACTERISTICS
4
Voltage Output Settling Time
6
t
S
To
±0.1% of Full Scale
4
µs
Voltage Output Settling Time
6
t
S
To
±1 LSB of Final Value
14
µs
Shutdown Recovery Time
t
DSR
To
±0.1% of Full Scale
10
µs
Output Slew Rate
SR
Data = 000
H to FFFH to 000H
2.0
V/
µs
DAC Glitch
Q
15
nV/s
Digital Feedthrough
Q
15
nV/s
SUPPLY CHARACTERISTICS
Power Supply Range
VDD RANGE DNL < ± 1 LSB
2.7
5.5
V
Shutdown Current
IDD_SD
SHDN
= 0, No Load, VIL = 0 V, TA = +25°C
0.02
1
µA
Supply Current
7
IDD
VDD = 3 V, VIL = 0 V, No Load
2
3.2
mA
Power Dissipation
PDISS
VDD = 3 V, VIL = 0 V, No Load
6
9.6
mW
Power Supply Sensitivity
PSS
∆V
DD = ± 5%
0.001
0.004 %/%
NOTES
1Typical readings represent the average value of room temperature operation.
21 LSB = 0.5 mV for 0 V to +2.0475 V output range. The first two codes (000
H, 001H) are excluded from the linearity error measurement.
3Includes internal voltage reference error.
4These parameters are guaranteed by design and not subject to production testing.
5All input control signals are specified with t
R = tF = 2 ns (10% to 90% of +3 V) and timed from a voltage level of 1.6 V.
6The settling time specification does not apply for negative going transitions within the last 6 LSBs of ground.
7See Figure 6 for a plot of incremental supply current consumption as a function of the digital input voltage levels.
Specifications subject to change without notice.
REV. 0
–2–
AD8303–SPECIFICATIONS
(@ VDD = +2.7 V to +3.6 V, –40 C
≤ T
A
≤ +85 C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com