Electronic Components Datasheet Search
  English  ▼

X  

AD8842 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8842
Description  8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8842 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8842 Datasheet HTML 5Page - Analog Devices AD8842 Datasheet HTML 6Page - Analog Devices AD8842 Datasheet HTML 7Page - Analog Devices AD8842 Datasheet HTML 8Page - Analog Devices AD8842 Datasheet HTML 9Page - Analog Devices AD8842 Datasheet HTML 10Page - Analog Devices AD8842 Datasheet HTML 11Page - Analog Devices AD8842 Datasheet HTML 12Page - Analog Devices AD8842 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
AD8842
REV. A
–13–
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD8842AN
−40°C to +85°C
24-Lead PDIP
N-24-1
AD8842ANZ
−40°C to +85°C
24-Lead PDIP
N-24-1
AD8842AR
−40°C to +85°C
24-Lead SOIC_W
RW-24
AD8842AR-REEL
−40°C to +85°C
24-Lead SOIC_W
RW-24
AD8842ARZ
−40°C to +85°C
24-Lead SOIC_W
RW-24
AD8842ARZ-REEL
−40°C to +85°C
24-Lead SOIC_W
RW-24
1 Z = RoHS Compliant Part.
REVISION HISTORY
10/11—Rev. 0 to Rev. A
Changes to Pin 13 Mnemonic......................................................... 4
Updated Outline Dimensions ....................................................... 12
Changes to Ordering Guide .......................................................... 1
3
4/94—Revision 0: Initial Version
©1994–2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D01904-0-10/1
1(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com