Electronic Components Datasheet Search
  English  ▼

X  

NB650GL Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # NB650GL
Description  High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB650GL Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button NB650GL Datasheet HTML 12Page - Monolithic Power Systems NB650GL Datasheet HTML 13Page - Monolithic Power Systems NB650GL Datasheet HTML 14Page - Monolithic Power Systems NB650GL Datasheet HTML 15Page - Monolithic Power Systems NB650GL Datasheet HTML 16Page - Monolithic Power Systems NB650GL Datasheet HTML 17Page - Monolithic Power Systems NB650GL Datasheet HTML 18Page - Monolithic Power Systems NB650GL Datasheet HTML 19Page - Monolithic Power Systems NB650GL Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
NB650/NB650H – 6A, 28V, FAST-TRANSIENT, SYNCHRONOUS STEP-DOWN CONVERTERS
NB650/NB650H Rev. 1.12
www.MonolithicPower.com
17
10/11/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL APPLICATION
VIN
R7
205k
11
3
1, 2
13
14
15
16
12
9, 10
17
5
8
4
6
7
R5
100k
C7
1nF
NB650
NB650H
IN
FREQ
VCC
PG
EN
SS
PGND
GND
FB
RFB1
RFB2
SW
BST
R2A
16.5k
R1
12.1k
R3
4.7
VOUT
R2C
73.2k
R2B
143k
VID1
VID2
R10
1Meg
SW1
R11
1Meg
R6
100k
C6
100nF
Figure 12: Typical Application Circuit with No External Ramp
VIN = 12V, VOUT = 1.05/1.15/1.20V, IOUT = 6A, fSW = 550kHz
VIN
R7
205k
11
3
1, 2
13
14
15
16
12
9, 10
17
5
8
4
6
7
R5
100k
C7
1nF
NB650
NB650H
IN
FREQ
VCC
PG
EN
SS
PGND
GND
FB
RFB1
RFB2
SW
BST
R2A
16k
R1
12.1k
R3
4.7
R2C
69.8k
R2B
140k
VID1
VID2
R10
1Meg
SW1
R11
1Meg
R6
100k
C6
100nF
R9
0
R4
274k
C4
330pF
VOUT
Figure 13: Typical Application with Low-ESR Ceramic Capacitor
VIN = 12V, VOUT = 1.05/1.10/1.15/1.20V, IOUT = 6A, fSW = 550kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com