Electronic Components Datasheet Search
  English  ▼

X  

NB650GL Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # NB650GL
Description  High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB650GL Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button NB650GL Datasheet HTML 8Page - Monolithic Power Systems NB650GL Datasheet HTML 9Page - Monolithic Power Systems NB650GL Datasheet HTML 10Page - Monolithic Power Systems NB650GL Datasheet HTML 11Page - Monolithic Power Systems NB650GL Datasheet HTML 12Page - Monolithic Power Systems NB650GL Datasheet HTML 13Page - Monolithic Power Systems NB650GL Datasheet HTML 14Page - Monolithic Power Systems NB650GL Datasheet HTML 15Page - Monolithic Power Systems NB650GL Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
NB650/NB650H – 6A, 28V, FAST-TRANSIENT, SYNCHRONOUS STEP-DOWN CONVERTERS
NB650/NB650H Rev. 1.12
www.MonolithicPower.com
12
10/11/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Where RO is the equivalent load resistor.
As described in Figure 6, VSLOPE2 in skip mode is
smaller than VSLOPE1 in PWM mode, so the jitter in
the skip mode is larger. For less jitter during
ultra-light–load conditions, select smaller VFB
resistors, though at the cost of light-load
efficiency.
VID Input
Typically, R1 and R2 set the output voltage with
VFB=0.6V. R2, in this case, is a combination of
R2A, R2B, and R2C depends on the VID, which
is
active
low.
The
NB650/NB650H
can
dynamically track VID codes as they change. As
a result, the converter output voltage can change
without the need to reset either the controller or
the value of R1 and R2A. As shown in Figure 1,
R2B and R2C are parallel with R2A. The
equivalent value of R2 can change due to
different VID codes. One can get four VOUT
values depending on the VID codes with the
details in the application information. The VID
logic and equivalent R2s are shown in Table 1.
Table 1: VID Logic
2
VID
1
VID
R2
1
1
22A
RR
=
1
0
22A
2B
RR // R
=
0
1
22A
2C
RR // R
=
0
0
22A
2B
2C
RR // R //R
=
Enable Control
The NB650/NB650H has a dedicated Enable
control pin (EN). Pulling this pin high or low
enables or disables the IC. Tie EN to VIN through
a resistor for automatic start-up.
Soft Start/Stop
The NB650/NB650H employs a soft-start/stop
(SS) mechanism to ensure smooth output during
power-up and power shutdown. When the EN pin
goes high, an internal current source (10μA)
charges up the SS capacitor. The SS capacitor
voltage then acts as the VREF voltage to the PWM
comparator. The output voltage smoothly ramps
up with the SS voltage. Once the SS voltage
reaches the same level as the REF voltage, it
continues ramping up while the REF voltage
becomes the reference to the PWM comparator.
At this point, the soft-start finishes and it enters
steady-state operation.
When the EN pin goes low, a 10µA internal
current source discharges the SS capacitor.
Once the SS voltage reaches the REF voltage,
acts as the reference to the PWM comparator.
The output voltage decreases smoothly with the
SS voltage until it reaches zero level. Determine
the SS capacitor as follows:
)
V
(
V
)
A
(
I
)
ms
(
t
)
nF
(
C
REF
SS
SS
SS
μ
×
=
(12)
If the output capacitors have large capacitance
values, avoid setting a short SS time. Use a
minimum value of 4.7nF if the output capacitance
value exceeds 330µF.
Power Good
The NB650/NB650H has power-good (PG)
output. The PG pin is the open drain of a
MOSFET. Connect to VCC or another voltage
source through a resistor (e.g. 100kΩ). The
MOSFET turns ON after the application of the
input voltage so that the PG pin is pulled to GND
before the SS is ready. After the FB voltage
reaches 90% of the reference voltage, the PG pin
is pulled high after a delay.
The PG delay is determined as follows:
9
4
)
ms
(
t
)
ms
(
t
SS
PG
×
=
(13)
When the FB voltage drops to 90% of the
reference voltage, the PG pin is pulled low.
Over-Current
Protection
and
Short-Circuit
Protection
The NB650/NB650H has cycle-by-cycle over-
current limit control. The inductor current is
monitored during the ON state. Once the inductor
current hits the current limit, the HS-FET turns off.
At the same time, the over-current protection
(OCP) timer starts. The OCP timer is set as 50μs.
If the current limit is hit for every cycle within that
50μs period, then OCP will trigger.
When the output is shorted to ground, the device
hits its current limit and the FB voltage is less
than 0.4V. The device treats this as a dead-short



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com