Electronic Components Datasheet Search
  English  ▼

X  

AD9851 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9851
Description  CMOS 180 MHz DDS/DAC Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9851 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9851 Datasheet HTML 9Page - Analog Devices AD9851 Datasheet HTML 10Page - Analog Devices AD9851 Datasheet HTML 11Page - Analog Devices AD9851 Datasheet HTML 12Page - Analog Devices AD9851 Datasheet HTML 13Page - Analog Devices AD9851 Datasheet HTML 14Page - Analog Devices AD9851 Datasheet HTML 15Page - Analog Devices AD9851 Datasheet HTML 16Page - Analog Devices AD9851 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD9851
–13–
In the example shown in Figure 12, the system clock is 100 MHz
and the output frequency is set to 20 MHz. As can be seen, the
aliased images are very prominent and of a relatively high energy
level as determined by the sin(x)/x rolloff of the quantized
D/A converter output. In fact, depending on the f/system clock
relationship, the first aliased image can equal the fundamental
amplitude (when fOUT
amplitude (when f
amplitude (when f
= 1/2 system clock). A low-pass filter is
generally placed between the output of the D/A converter and the
input of the comparator to suppress the jitter-producing effects
of nonharmonically related aliased images and other spurious
signals. Consideration must be given to the relationship of the
selected output frequency, the system clock frequency, and alias
frequencies to avoid unwanted output anomalies.
Images need not be thought of as useless by-products of a
DAC. In fact, with bandpass filtering around an image and
some amount of post-filter amplification, the image can become
the primary output signal (see Figure 8). Since images are not
harmonics, they retain a 1:1 frequency relationship to the fun-
damental output.That is, if the fundamental is shifted 1 kHz,
then the image is also shifted 1 kHz.This relationship accounts
for the frequency stability of an image, which is identical to that
of the fundamental. Users should recognize that the lower image
of an image pair surrounding an integer multiple of the system
clock will move in a direction opposite to that of the funda-
mental. Images of an image pair located above an integer multiple
of the system clock will move in the same direction as a fundamen-
tal movement.
The frequency band where images exist is much richer in spu-
rious signals and, therefore, more hostile in terms of SFDR.
Users of this technique should empirically determine what fre-
quencies are usable if their SFDR requirements are demanding.
A good rule-of-thumb for applying the AD9851 as a clock gen-
erator is to limit the fundamental output frequency to 40% of
reference clock frequency to avoid generating aliased signals that
are too close to the output band of interest (generally dc—
highest selected output frequency) to be filtered.This practice
will ease the complexity and cost of the external filter require-
ment for the clock generator application.
The reference clock input of the AD9851 has a minimum limi-
tation of 1 MHz without 6 REFCLK multiplier engaged and
5 MHz with multiplier engaged. The device has internal circuitry
that senses when the clock rate has dropped below the minimum
and automatically places itself in the power-down mode. In this
mode, the on-chip comparator is also disabled. This is important
information for those who may wish to use the on-chip compara-
tor for purposes other than squaring the DDS sine wave output.
When the clock frequency returns above the minimum threshold,
the device resumes normal operation after 5 µs (typically). This
shutdown mode prevents excessive current leakage in the dynamic
registers of the device.
The impact of reference clock phase noise in DDS systems is
actually reduced, since the DDS output is the result of a division
of the input frequency. The amount of apparent phase noise
reduction, expressed in dB, is found using 20 log fOUT
reduction, expressed in dB, is found using 20 log f
reduction, expressed in dB, is found using 20 log f
/fCLK
/f/f
,
where fOUT
where f
where f
is the fundamental DDS output frequency and fCLK
is the fundamental DDS output frequency and f
is the fundamental DDS output frequency and f
is
CLK
CLK
the system clock frequency. From this standpoint, using the high-
est system clock input frequency makes good sense in reducing the
effects of reference clock phase noise contribution to the output
signals’ overall phase noise. As an example, an oscillator with
–100 dBc phase noise operating at 180 MHz would appear as a
–125 dB contribution to DDS overall phase noise for a 10 MHz
output. Engaging the 6 REFCLK multiplier has generally been
found to increase overall output phase noise.This increase is due
to the inherent 6 (15.5 dB) phase gain transfer function of the
6 REFCLK multiplier, as well as noise generated internally by
the clock multiplier circuit. By using a low phase noise reference
clock input to the AD9851, users can be assured of better than
–100 dBc/Hz phase noise performance for output frequencies
up to 50 MHz at offsets from 1 kHz to 100 kHz.
Programming the AD9851
The AD9851 contains a 40-bit register that stores the 32-bit
frequency control word, the 5-bit phase modulation word,
6 REFCLK multiplier, enable, and the power-down func-
tion. This register can be loaded in parallel or serial mode. A
logic high engages functions; for example, to power-down the
IC (sleep mode), a logic high must be programmed in that bit
location. Those users who are familiar with the AD9850 DDS
will find only a slight change in programming the AD9851,
specifically, data[0] of W0 (parallel load) and W32 (serial load)
now contains a 6 REFCLK multiplier enable bit that needs
to be set high to enable or low to disable the internal reference
clock multiplier.
Note: setting data[1] high in programming word W0 (parallel
mode) or word W33 high in serial mode is not allowed (see
Tables I and III).This bit controls a factory test mode that will
cause abnormal operation in the AD9851 if set high. If erro-
neously entered (as evidenced by Pin 2 changing from an input
pin to an output signal), an exit is provided by asserting RESET.
Unintentional entry to the factory test mode can occur if an
FQ_UD pulse is sent after initial power-up and RESET of the
AD9851. Since RESET does not clear the 40-bit input register,
this will transfer the random power-up values of the input register
to the DDS core.The random values may invoke the factory test
mode or power-down mode. Never issue an FQ_UD command if
the 40-bit input register contents are unknown.
In the default parallel load mode, the 40-bit input register is loaded
using an 8-bit bus. W_CLK is used to load the register in five
iterations of eight bytes. The rising edge of FQ_UD transfers the
contents of the register into the device to be acted upon and resets
the word address pointer to W0. Subsequent W_CLK rising edges
load 8-bit data, starting at W0 and then move the word pointer
to the next word. After W0 through W4 are loaded, additional
W_CLK edges are ignored until either a RESET is asserted or an
FQ_UD rising edge resets the address pointer to W0 in prepara-
tion for the next 8-bit load. See Figure 13.
In serial load mode, forty subsequent rising edges of W_CLK will
shift and load the 1-bit data on Pin 25 (D7) through the 40-bit
register in shift-register fashion. Any further W_CLK rising edges
after the register is full will shift data out causing data that is left in
the register to be out-of-sequence and corrupted. The serial mode
must be entered from the default parallel mode (see Figure 17).
Data is loaded beginning with W0 and ending with W39. One
note of caution: the 8-bit parallel word (W0)—xxxxx011—that
parallel
parallel
invokes the serial mode should be overwritten with a valid 40-bit
serial word immediately after entering the serial mode to prevent
unintended engaging of the 6 REFCLK multiplier or entry into
REV. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com