Electronic Components Datasheet Search
  English  ▼

X  

AD9851 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9851
Description  CMOS 180 MHz DDS/DAC Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9851 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9851 Datasheet HTML 15Page - Analog Devices AD9851 Datasheet HTML 16Page - Analog Devices AD9851 Datasheet HTML 17Page - Analog Devices AD9851 Datasheet HTML 18Page - Analog Devices AD9851 Datasheet HTML 19Page - Analog Devices AD9851 Datasheet HTML 20Page - Analog Devices AD9851 Datasheet HTML 21Page - Analog Devices AD9851 Datasheet HTML 22Page - Analog Devices AD9851 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD9851
–19–
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
9
8
7
6
5
4
3
2
12
13
14
15
16
17
18
19
11
1
STROBE
D0
D1
D2
D3
D4
D5
D6
D7
U2
74HCT574
J1
C36CPRX
RRSET
8D
7D
6D
5D
4D
3D
2D
1D
8Q
7Q
6Q
5Q
4Q
3Q
2Q
1Q
CK
OE
FFQUD
WWCLK
CHECK
STROBE
9
8
7
6
5
4
3
2
12
13
14
15
16
17
18
19
8D
7D
6D
5D
4D
3D
2D
1D
8Q
7Q
6Q
5Q
4Q
3Q
2Q
1Q
CK
OE
11
1
STROBE
RESET
WCLK
FQUD
CHECK
U3
74HCT574
RRESET
WWCLK
FFQUD
RRESET
VCC
Y1
OUT
GND
7
8
14
5V
XTAL
OSC
(OPTIONAL)
R2
50
J5
CLKIN
REMOVE WHEN
USING Y1
C2
0.1F
C3
0.1F
C4
0.1F
C5
0.1F
C8
0.1F
C9
0.1F
C10
0.1F
+V
5V
C6
10F
C7
10F
+V
5V
H1
#6
H2
#6
H3
#6
H4
#6
R3
2.2k
STROBE
5V
WWCLK
FFQUD
RRESET
R8
2.2k
R9
2.2k
R10
2.2k
J2
+V
J3
+5V
J4
GND
BANANA
JACKS
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VOUTP
VOUTN
RSET
AVDD
AGND
REFCLOCK
FQ UD
D3
D2
D1
D0
W CLK
PVCC
PGND
VINN
VINP
DACBP
AVDD
AGND
IOUTB
IOUT
D4
D5
D6
D7
RESET
DVDD
DGND
U1
AD9851
+V
GND
CLKIN
FQUD
D3
D2
D1
D0
WCLK
+V
GND
+V
GND
D4
D5
D6
D7
RESET
+V
GND
R5
25
R4
50
GND
GND
TP1
TP3
TP2
TP4
R5
1k
+V
R7
1k
GND
COMPARATOR
INPUTS
J6
DAC OUT
TO 50
R1
3.9k
GND
GND
TP5
TP6
TP7
TP8
10mA
RESET
MOUNTING HOLES
AD9851/FSPCB
FREQUENCY
SYNTHESIZER
EVALUATION BOARD
NC
NC = NO CONNECT
Figure 22. FSPCB Electrical Schematic
REV. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com