Electronic Components Datasheet Search
  English  ▼

X  

AD74111 Datasheet(PDF) 2 Page - Analog Devices

Part # AD74111
Description  Low Cost, Low Power Mono Audio Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74111 Datasheet(HTML) 2 Page - Analog Devices

  AD74111 Datasheet HTML 1Page - Analog Devices AD74111 Datasheet HTML 2Page - Analog Devices AD74111 Datasheet HTML 3Page - Analog Devices AD74111 Datasheet HTML 4Page - Analog Devices AD74111 Datasheet HTML 5Page - Analog Devices AD74111 Datasheet HTML 6Page - Analog Devices AD74111 Datasheet HTML 7Page - Analog Devices AD74111 Datasheet HTML 8Page - Analog Devices AD74111 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
AD74111–SPECIFICATIONS
(AVDD = 2.5 V
± 5%, DVDD2 = 2.5 V ± 5%, DVDD1 = 2.5 V ± 5%, fMCLK = 12.288 MHz,
fS = 48 kHz, TA = TMIN to TMAX, unless otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
ANALOG-TO-DIGITAL CONVERTERS
ADC Resolution
24
Bits
Signal to Noise Ratio (SNR)
fS = 16 kHz
70
77
dB
Dynamic Range
(20 Hz to 20 kHz, –60 dB Input)
No Filter
fS = 48 kHz
85
dB
fS = 16 kHz
78
85
dB
With A-Weighted Filter
fS = 48 kHz
87
dB
Total Harmonic Distortion + Noise
fS = 48 kHz, PGA = 0 dB
–67
dB
fS = 16 kHz
–75
dB
Programmable Input Gain
12
dB
Gain Step Size
3dB
Offset Error
–55
+30
+80
mV
Full-Scale Input Voltage
0.5
V rms
Input Resistance
4k
Ω
Input Capacitance
15
pF
Common-Mode Input Volts
1.125
V
Crosstalk
ADC Input Signal = 1.0 kHz,
100
dB
0 dB; DAC Output = DC
DIGITAL-TO-ANALOG CONVERTERS
DAC Resolution
24
Bits
Signal to Noise Ratio (SNR)
fS = 16 kHz
80
89
dB
Dynamic Range
(20 Hz to 20 kHz, –60 dB Input)
No Filter
fS = 48 kHz
93
dB
fS = 16 kHz
84
93
dB
With A-Weighted Filter
fS = 48 kHz
95
dB
Total Harmonic Distortion + Noise
fS = 48 kHz
–88
dB
fS = 16 kHz
–88
–81
dB
dB
DC Accuracy
Offset Error
–75
–10
+50
mV
Gain Error
–0.9
+0.175
+0.8
dB
Volume Control Step Size
(1024 Linear Steps)
0.098
%
Volume Control Range (Max Attenuation)
–60
dB
Mute Attenuation
–100
dB
De-emphasis Gain Error
±0.1
dB
Full-Scale Output Voltage
0.5
V rms
Output Resistance
145
Ω
Common Mode Output Volts
1.125
V
Crosstalk
Signal Input ADC = AGND;
95
dB
DAC Output
Level = 1.0 kHz, 0 dB
REFERENCE (Internal)
Absolute Voltage, VREF
1.125
V
VREF TC
50
ppm/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com