Electronic Components Datasheet Search
  English  ▼

X  

11-504 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # 11-504
Description  LICON. SNAP ACTION SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

11-504 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button 11-504 Datasheet HTML 15Page - List of Unclassifed Manufacturers 11-504 Datasheet HTML 16Page - List of Unclassifed Manufacturers 11-504 Datasheet HTML 17Page - List of Unclassifed Manufacturers 11-504 Datasheet HTML 18Page - List of Unclassifed Manufacturers 11-504 Datasheet HTML 19Page - List of Unclassifed Manufacturers 11-504 Datasheet HTML 20Page - List of Unclassifed Manufacturers 11-504 Datasheet HTML 21Page - List of Unclassifed Manufacturers 11-504 Datasheet HTML 22Page - List of Unclassifed Manufacturers 11-504 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Contact an Authorized Distributor or Factory for Pricing
62
www.itwswitches.com
APPLICATIONS
• Aircraft rotary actuators
• Aircraft valve actuators
• Circuit breakers
• Aircraft contractors
• Industrial machinery
• Medical equipment
SUB-MINIATURE 8 AMP DOUBLE
POLE/SIMULTANEOUS SNAP ACTION SWITCHES
Similar to Series 26 with improved materials and
performance. Ideal for critical applications where
long life and reliability are needed.
KEY FEATURES:
• Enhanced gold contacts for high or
low power applications
• Thermoplastic case sealed to
prevent flux intrusion
• Meets MIL-PRF-8805/77
• End or side terminals available
• Roller lever, lever, short roller lever
and bushing mount actuators are
available
ACTUAL SIZE
STANDARDS / AGENCY / RATINGS:
RoHS
COMPLIANT
2002 / 95 / EC

V
DE
IEC
IP67
COMPLIANT
®
SNAP ACTION SWITCHES
ORDERING INFORMATION:
Part Number
Simultaneity
Contacts
Terminals
26-810
Simultaneous*
Enhanced Gold
End Solder
* Within .002" of plunger travel.
Actuator (see page 72 for additional specifications)
Switches
Part Number
Switch Series
Oper. Force
Release Force
Pretravel
Overtravel
Movement Diff.
76-1200
26
8 oz max
l 1/2 oz min
.130 max
.026 min
.054 ± .022
Roller Lever
76-1210
26
7 oz max
2 oz min
.155 max
.025 min
.065 max
Lever
76-1220
26
16 oz max
5 oz min
.050 max
.012 min
.020 ± .010 - .005
Short Roller Lever



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com