Electronic Components Datasheet Search
  English  ▼

X  

11-504 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # 11-504
Description  LICON. SNAP ACTION SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

11-504 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button 11-504 Datasheet HTML 16Page - List of Unclassifed Manufacturers 11-504 Datasheet HTML 17Page - List of Unclassifed Manufacturers 11-504 Datasheet HTML 18Page - List of Unclassifed Manufacturers 11-504 Datasheet HTML 19Page - List of Unclassifed Manufacturers 11-504 Datasheet HTML 20Page - List of Unclassifed Manufacturers 11-504 Datasheet HTML 21Page - List of Unclassifed Manufacturers 11-504 Datasheet HTML 22Page - List of Unclassifed Manufacturers 11-504 Datasheet HTML 23Page - List of Unclassifed Manufacturers 11-504 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
MECHANICAL / ELECTRICAL
CHARACTERISTICS:
Pretravel:
0.060 inches (Max)
Overtravel:
0.020 inches (Min)
Operating Force:
18 ± 5 oz
Release Force:
5 oz (Min)
Movement Differential:
0.025 inches ± .010
Operating Point:
0.396 inches ± .010
(from mounting hole centers)
Circuit:
DPDT-DB (Form ZZ)
Temperature Index:
-85°F to +275°F Ambient
MIL-PRF-8805 QPL Listed:
26-810 M8805/77-003
Electrical Ratings:
See chart to the left
800.544.3354
SERIES KAP 26: SUB-MINIATURE 8 AMP
Designs and specifications are subject to change
without notice due to product improvement.
63
SNAP ACTION SWITCHES
END TERMINATION
Sea Level
70,000 Ft.
28 VDC
28 VDC
115 VAC
115 VAC
28 VDC
28 VDC
Load
60 HZ
60 HZ
DPDT
4 CKT
DPDT
4 CKT
DPDT
4 CKT
Resistive
8 amp
8 amp
6 amp
4 amp
8 amp
8 amp
Inductive
6 amp
4 amp
4 amp
4 amp
2 amp
1 amp
Lamp
0.5 amp
0.5 amp
2 amp
1 amp
——
Electrical rating, 26-810:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com