Electronic Components Datasheet Search
  English  ▼

X  

BC847AMB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BC847AMB
Description  45 V, 100 mA NPN general-purpose transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC847AMB Datasheet(HTML) 5 Page - NXP Semiconductors

  BC847AMB Datasheet HTML 1Page - NXP Semiconductors BC847AMB Datasheet HTML 2Page - NXP Semiconductors BC847AMB Datasheet HTML 3Page - NXP Semiconductors BC847AMB Datasheet HTML 4Page - NXP Semiconductors BC847AMB Datasheet HTML 5Page - NXP Semiconductors BC847AMB Datasheet HTML 6Page - NXP Semiconductors BC847AMB Datasheet HTML 7Page - NXP Semiconductors BC847AMB Datasheet HTML 8Page - NXP Semiconductors BC847AMB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
BC847XMB_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 5 March 2012
5 of 14
NXP Semiconductors
BC847xMB series
45 V, 100 mA NPN general-purpose transistors
7.
Characteristics
[1]
Pulse test: tp  300 s;  0.02.
Table 8.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base
cut-off current
VCB =30V; IE =0A
-
-
15
nA
VCB =30V; IE =0A;
Tj = 150 C
--
5
A
IEBO
emitter-base
cut-off current
VEB =5V; IC = 0 A
-
-
100
nA
hFE
DC current gain
VCE =5V; IC =2mA
BC847AMB
110
-
220
BC847BMB
200
-
450
BC847CMB
420
-
800
VCEsat
collector-emitter
saturation voltage
IC =10mA; IB = 0.5 mA
-
90
200
mV
IC = 100 mA; IB =5mA
[1] -
200
400
mV
VBEsat
base-emitter
saturation voltage
IC =10mA; IB =0.5 mA
-
700
-
mV
IC = 100 mA; IB =5mA
[1] -900
-
mV
VBE
base-emitter voltage
IC =2mA; VCE = 5 V
580
660
700
mV
IC =10mA; VCE = 5 V
-
-
770
mV
fT
transition frequency
VCE =5V; IC =10 mA;
f = 100 MHz
100
-
-
MHz
Cc
collector capacitance VCB =10V; IE =ie =0A;
f= 1MHz
--
1.5
pF
Ce
emitter capacitance
VEB =0.5 V; IC =ic =0A;
f= 1MHz
-11
-
pF
NF
noise figure
IC = 200 A; VCE =5V;
RS =2k; f = 1 kHz;
B=200 Hz
-
2
10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com