Electronic Components Datasheet Search
  English  ▼

X  

BC847AMB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BC847AMB
Description  45 V, 100 mA NPN general-purpose transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC847AMB Datasheet(HTML) 1 Page - NXP Semiconductors

  BC847AMB Datasheet HTML 1Page - NXP Semiconductors BC847AMB Datasheet HTML 2Page - NXP Semiconductors BC847AMB Datasheet HTML 3Page - NXP Semiconductors BC847AMB Datasheet HTML 4Page - NXP Semiconductors BC847AMB Datasheet HTML 5Page - NXP Semiconductors BC847AMB Datasheet HTML 6Page - NXP Semiconductors BC847AMB Datasheet HTML 7Page - NXP Semiconductors BC847AMB Datasheet HTML 8Page - NXP Semiconductors BC847AMB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
NPN general-purpose transistors in a leadless ultra small SOT883B
Surface-Mounted Device (SMD) plastic package.
1.2 Features and benefits
1.3 Applications
General-purpose switching and amplification
Mobile applications
1.4 Quick reference data
BC847xMB series
45 V, 100 mA NPN general-purpose transistors
Rev. 1 — 5 March 2012
Product data sheet
Table 1.
Product overview
Type number
Package
PNP complement
NXP
JEITA
JEDEC
BC847AMB
SOT883B
-
-
BC857AMB
BC847BMB
SOT883B
-
-
BC857BMB
BC847CMB
SOT883B
-
-
BC857CMB
Leadless ultra small SMD plastic
package
Power dissipation comparable to SOT23
Low package height of 0.37 mm
AEC-Q101 qualified
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max Unit
VCEO
collector-emitter voltage
open base
-
-
45
V
IC
collector current
-
-
100
mA
hFE
DC current gain
VCE =5V; IC =2 mA
BC847AMB
110
-
220
BC847BMB
200
-
450
BC847CMB
420
-
800


Similar Part No. - BC847AMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847AMB NXP-BC847AMB Datasheet
349Kb / 14P
45 V, 100 mA NPN general-purpose transistors
Rev. 1-5 March 2012
logo
Nexperia B.V. All right...
BC847AMB NEXPERIA-BC847AMB Datasheet
1,007Kb / 14P
45 V, 100 mA NPN general-purpose transistors
Rev. 1 - 5 March 2012
BC847AMB NEXPERIA-BC847AMB Datasheet
1Mb / 14P
45 V, 100 mA PNP general-purpose transistors
Rev. 1 - 21 February 2012
More results

Similar Description - BC847AMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847 NXP-BC847 Datasheet
96Kb / 15P
45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847B.215 NXP-BC847B.215 Datasheet
104Kb / 15P
45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847B.235 NXP-BC847B.235 Datasheet
104Kb / 15P
45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847BW115 NXP-BC847BW115 Datasheet
104Kb / 15P
45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847XMB NXP-BC847XMB Datasheet
349Kb / 14P
45 V, 100 mA NPN general-purpose transistors
Rev. 1-5 March 2012
BC847 PHILIPS-BC847 Datasheet
131Kb / 18P
45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Nexperia B.V. All right...
BC847XQA NEXPERIA-BC847XQA Datasheet
1Mb / 15P
45 V, 100 mA NPN general-purpose transistors
BC847XMB_SER NEXPERIA-BC847XMB_SER Datasheet
1,007Kb / 14P
45 V, 100 mA NPN general-purpose transistors
Rev. 1 - 5 March 2012
BC847XM_SER NEXPERIA-BC847XM_SER Datasheet
228Kb / 11P
45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
BC847XW_SER NEXPERIA-BC847XW_SER Datasheet
233Kb / 12P
45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com