Electronic Components Datasheet Search
  English  ▼

X  

ADP2323ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2323ACPZ-R7
Description  Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2323ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2323ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
ADP2323
Rev. A | Page 11 of 32
540
560
580
600
620
640
660
ROSC = 100kΩ
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 17. Frequency vs. Temperature
50
60
70
80
90
100
110
120
130
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 18. MOSFET RDSON vs. Temperature
CH1 5.00V
CH2 2.00V
M20.0ns
A CH1
1.10V
2
1
T
31.20%
SW
DL
Figure 19. Low-Side Driver Rising Edge Waveform, CDL = 2.2 nF
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
4
6
8
10
12
14
16
18
20
VIN (V)
Figure 20. INTVCC Voltage vs. VIN
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 21. SSx Pin Source Current vs. Temperature
CH1 5.00V
CH2 2.00V
M20.0ns
A CH1
1.10V
2
1
T
60.20%
SW
DL
Figure 22. Low-Side Driver Falling Edge Waveform, CDL = 2.2 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com