Electronic Components Datasheet Search
  English  ▼

X  

ADP2323ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2323ACPZ-R7
Description  Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2323ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2323ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADP2323
Data Sheet
Rev. A | Page 12 of 32
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
Figure 23. Current-Limit Threshold vs. Temperature, RILIM = Floating
0.8
1.0
1.2
1.4
1.6
1.8
2.0
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 24. Current-Limit Threshold vs. Temperature, RILIM = 15 kΩ
CH1 10.0mV
B
W CH2 10.0V
CH4 500mA Ω
M2.00µs
A CH2
9.40V
2
4
1
T
50.20%
SW
IL
VOUT (AC)
Figure 25. Discontinuous Conduction Mode (DCM)
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 26. Current-Limit Threshold vs. Temperature, RILIM = 47 kΩ
CH1 10.0mV
B
W
CH2 10.0V
CH4 2.00A Ω
M2.00µs
A CH2
5.80V
2
4
1
T
50.00%
SW
VOUT (AC)
IL
Figure 27. Continuous Conduction Mode (CCM)
CH1 100mV
B
W
CH2 10.0V
CH4 1.00A Ω
M400µs
A CH1
–12.0mV
2
4
1
T
60.40%
VOUT (AC)
IL
SW
Figure 28. Power Saving Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com