Electronic Components Datasheet Search
  English  ▼

X  

AMP02FS Datasheet(PDF) 1 Page - Analog Devices

Part # AMP02FS
Description  High Accuracy Instrumentation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP02FS Datasheet(HTML) 1 Page - Analog Devices

  AMP02FS Datasheet HTML 1Page - Analog Devices AMP02FS Datasheet HTML 2Page - Analog Devices AMP02FS Datasheet HTML 3Page - Analog Devices AMP02FS Datasheet HTML 4Page - Analog Devices AMP02FS Datasheet HTML 5Page - Analog Devices AMP02FS Datasheet HTML 6Page - Analog Devices AMP02FS Datasheet HTML 7Page - Analog Devices AMP02FS Datasheet HTML 8Page - Analog Devices AMP02FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. E
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002. All rights reserved.
AMP02
High Accuracy
Instrumentation Amplifier
FUNCTIONAL BLOCK DIAGRAM
GENERAL DESCRIPTION
The AMP02 is the first precision instrumentation amplifier
available in an 8-lead package. Gain of the AMP02 is set by a
single external resistor and can range from 1 to 10,000. No
gain set resistor is required for unity gain. The AMP02 includes
an input protection network that allows the inputs to be taken
60 V beyond either supply rail without damaging the device.
Laser trimming reduces the input offset voltage to under 100
µV.
Output offset voltage is below 4 mV, and gain accuracy is better
than 0.5% for a gain of 1000. ADI’s proprietary thin-film resis-
tor process keeps the gain temperature coefficient under 50 ppm/
°C.
Due to the AMP02’s design, its bandwidth remains very high
over a wide range of gain. Slew rate is over 4 V/
µs, making the
AMP02 ideal for fast data acquisition systems.
A reference pin is provided to allow the output to be referenced
to an external dc level. This pin may be used for offset correc-
tion or level shifting as required. In the 8-lead package, sense is
internally connected to the output.
For an instrumentation amplifier with the highest precision,
consult the AMP01 data sheet.
FEATURES
Low Offset Voltage: 100
V max
Low Drift: 2
V/ C max
Wide Gain Range: 1 to 10,000
High Common-Mode Rejection: 115 dB min
High Bandwidth (G = 1000): 200 kHz typ
Gain Equation Accuracy: 0.5% max
Single Resistor Gain Set
Input Overvoltage Protection
Low Cost
Available in Die Form
APPLICATIONS
Differential Amplifier
Strain Gage Amplifier
Thermocouple Amplifier
RTD Amplifier
Programmable Gain Instrumentation Amplifier
Medical Instrumentation
Data Acquisition Systems
8-Lead PDIP and CERDIP
1
RG1
2
3
4
–IN
+IN
V–
8
7
6
5
RG2
V+
OUT
REFERENCE
16-Lead SOIC
1
NC
2
3
4
RG1
NC
–IN
5
+IN
6
7
8
NC
V–
NC
16
15
14
13
12
11
10
9
NC = NO CONNECT
NC
RG2
NC
V+
SENSE
OUT
REFERENCE
NC
–
+
RG1
RG2
RG
3
1
8
2
+IN
–IN
V+
V–
4
5
6
7
OUT
REFERENCE
G =
=
+ 1
VOUT
(+IN) – (–IN)
50k
RG
()
FOR SOL CONNECT SENSE TO OUTPUT
Figure 1. Basic Circuit Connections


Similar Part No. - AMP02FS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP02FS AD-AMP02FS Datasheet
266Kb / 12P
High Accuracy 8-Pin Instrumentation Amplifier
REV.D
AMP02FS AD-AMP02FS Datasheet
224Kb / 12P
High Accuracy Instrumentation Amplifier
REV. E
AMP02FS-REEL AD-AMP02FS-REEL Datasheet
266Kb / 12P
High Accuracy 8-Pin Instrumentation Amplifier
REV.D
AMP02FS-REEL AD-AMP02FS-REEL Datasheet
224Kb / 12P
High Accuracy Instrumentation Amplifier
REV. E
More results

Similar Description - AMP02FS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD522 AD-AD522 Datasheet
292Kb / 4P
High Accuracy Data Acquisition Instrumentation Amplifier
AMP02 AD-AMP02 Datasheet
266Kb / 12P
High Accuracy 8-Pin Instrumentation Amplifier
REV.D
logo
Burr-Brown (TI)
INA101 BURR-BROWN-INA101 Datasheet
91Kb / 6P
High Accuracy INSTRUMENTATION AMPLIFIER
INA104 BURR-BROWN-INA104 Datasheet
132Kb / 11P
Very-High Accuracy INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD522 AD-AD522_02 Datasheet
451Kb / 4P
High Accuracy Data Acquisition Instrumentation Amplifier
REV.A
AMP02 AD-AMP02_03 Datasheet
224Kb / 12P
High Accuracy Instrumentation Amplifier
REV. E
AMP02 AD-AMP02_15 Datasheet
224Kb / 12P
High Accuracy Instrumentation Amplifier
REV. E
logo
Texas Instruments
INA101 TI1-INA101 Datasheet
267Kb / 11P
High Accuracy INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP02 AD-AMP02_16 Datasheet
284Kb / 13P
High Accuracy Instrumentation Amplifier
Rev. E
AD522 AD-AD522_17 Datasheet
483Kb / 5P
High Accuracy Data Acquisition Instrumentation Amplifier
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com