Electronic Components Datasheet Search
  English  ▼

X  

LRH1035 Datasheet(PDF) 16 Page - LUXPIA

Part # LRH1035
Description  Specification for Approval
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LRH1035 Datasheet(HTML) 16 Page - LUXPIA

Back Button LRH1035 Datasheet HTML 8Page - LUXPIA LRH1035 Datasheet HTML 9Page - LUXPIA LRH1035 Datasheet HTML 10Page - LUXPIA LRH1035 Datasheet HTML 11Page - LUXPIA LRH1035 Datasheet HTML 12Page - LUXPIA LRH1035 Datasheet HTML 13Page - LUXPIA LRH1035 Datasheet HTML 14Page - LUXPIA LRH1035 Datasheet HTML 15Page - LUXPIA LRH1035 Datasheet HTML 16Page - LUXPIA  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
15/15
(Ver 1.0)
(Ta=25℃, IF=20mA)
(6) radiation characteristics
(Ta=25℃, IF=20mA)
V(λ) = standard eye response curve
(5) relative spectral emission
Wavelength [nm]
Relative Luminous Intensity Iv[%]
0. 8
0. 4
0
650
550
450
350
1. 2
750
0. 2
0. 6
1. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com