Electronic Components Datasheet Search
  English  ▼

X  

LRH1035 Datasheet(PDF) 4 Page - LUXPIA

Part # LRH1035
Description  Specification for Approval
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LRH1035 Datasheet(HTML) 4 Page - LUXPIA

  LRH1035 Datasheet HTML 1Page - LUXPIA LRH1035 Datasheet HTML 2Page - LUXPIA LRH1035 Datasheet HTML 3Page - LUXPIA LRH1035 Datasheet HTML 4Page - LUXPIA LRH1035 Datasheet HTML 5Page - LUXPIA LRH1035 Datasheet HTML 6Page - LUXPIA LRH1035 Datasheet HTML 7Page - LUXPIA LRH1035 Datasheet HTML 8Page - LUXPIA LRH1035 Datasheet HTML 9Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
3/15
(Ver 1.0)
3. Absolute Maximum Ratings
(Ta=25℃)
item
symbol
value
unit
forward current
IF
30
mA
pulse forward current 1)
IFP
100
mA
reverse current
VR
5
V
power dissipation
PD
80
mW
operating temperature
Topr
-30 to +85
℃
storage temperature
Tstg
-40 to +100
℃
1) I
FP conditions : pulse width
≤ 10msec & duty ratio ≤ 1/10
4. Electro-Optical Characteristics
(Ta=25℃)
item
rank
symbol
condition
min
typ
max
unit
V18
1.8
-
2.0
V20
2.0
-
2.2
V22
2.2
-
2.4
forward
voltage 2)
V24
VF
IF= 20mA
2.4
-
2.6
V
Dominant
Wavelength 3)
-
λD
IF= 20mA
620
-
630
nm
K
210
-
300
L
300
-
480
M
480
-
600
N
600
-
850
Luminous
intensity 4)
O
IV
IF= 20mA
850
-
1200
mcd
reverse
current
-
IR
VR=5V
-
-
50
㎂
2) Forward voltages are tested at a current pulse duration of 10 ms and an accuracy within ±0.1V.
3) Dominant wavelength are tested at a current pulse duration of 10 ms and an accuracy within ±2nm.
4) The allowance of luminous intensity measurement is within ±10%.
* To avoid optical difference, please do not mix differently ranked product.
* All measurements were made under the standardized environment of LUXPIA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com