Electronic Components Datasheet Search
  English  ▼

X  

LWM1037 Datasheet(PDF) 13 Page - LUXPIA

Part # LWM1037
Description  Specification for Approval
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LWM1037 Datasheet(HTML) 13 Page - LUXPIA

Back Button LWM1037 Datasheet HTML 9Page - LUXPIA LWM1037 Datasheet HTML 10Page - LUXPIA LWM1037 Datasheet HTML 11Page - LUXPIA LWM1037 Datasheet HTML 12Page - LUXPIA LWM1037 Datasheet HTML 13Page - LUXPIA LWM1037 Datasheet HTML 14Page - LUXPIA LWM1037 Datasheet HTML 15Page - LUXPIA LWM1037 Datasheet HTML 16Page - LUXPIA LWM1037 Datasheet HTML 17Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
12/20
(Ver 1.0)
9. Reliability
8.1. Test Items And Results
No.
Test Item
Standard
Test
Method
Test Conditions
Note
Number Of
Damaged
Sample
1
Resistance to Soldering
Heat
(Reflow)
JESD22-B106
Tsld=260oC, 10sec
(pre treatment
60oC,90%,24hrs)
2 times
0/45
2
Solderability
(reflow)
EIAJED4701-200
JESD22-B102
Tsld=215±5oC, 3sec
1 time
over 95%
0/45
3
Temperature Cycle
EIAJED4701-100
JESD22-A104
-40oC through +25oC to
+100℃
(30min/5min/30min)
100 cycles
0/45
4
High Temperature
Storage
EIAJED4701-200
JESD22-A103
Ta=100℃
1000 hrs
0/45
5
High Humidity and
Temperature Storage
EIAJED4701-200
JESD22-A101
Ta=60 , RH=90%
℃
1000 hrs
0/45
6
Low Temperature
Storage
EIAJED4701-200
JESD22-A103
Ta=-40℃
1000 hrs
0/45
7
Steady-state Operating
Lifetime Test
MIL-STD-883E
JESD22-A108
Ta=25 , I
℃ F=60mA
500 hrs
0/45
8
Steady-state Operating
Lifetime of High
Temperature
MIL-STD-883E
JESD22-A108
Ta=85 , I
℃ F=7.5mA
1000 hrs
0/45
9
Steady-state Operating
Lifetime of High
Humidity and
Temperature
-
Ta=60 , RH=90%,
℃
IF=20mA
500 hrs
0/45
10
Steady-state Operating
Lifetime of Low
Temperature
MIL-STD-810F
JESD22-A108
Ta=-30 , I
℃ F=20mA
1000 hrs
0/45
* LED with Luxpia standard circuit board
8.2. Criteria for Judging the Damage
Criteria for Judgment
Item
Symbol
Test Condition
Min
Max
Forward Voltage
VF
IF = 60mA
-
U.S.L.5) × 1.1
Luminous Intensity
IV
IF = 60mA
L.S.L.6) × 0.7
-
5) U.S.L. : Upper Standard Level
6) L.S.L. : lower standard level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com