Electronic Components Datasheet Search
  English  ▼

X  

LWM1037 Datasheet(PDF) 3 Page - LUXPIA

Part # LWM1037
Description  Specification for Approval
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LWM1037 Datasheet(HTML) 3 Page - LUXPIA

  LWM1037 Datasheet HTML 1Page - LUXPIA LWM1037 Datasheet HTML 2Page - LUXPIA LWM1037 Datasheet HTML 3Page - LUXPIA LWM1037 Datasheet HTML 4Page - LUXPIA LWM1037 Datasheet HTML 5Page - LUXPIA LWM1037 Datasheet HTML 6Page - LUXPIA LWM1037 Datasheet HTML 7Page - LUXPIA LWM1037 Datasheet HTML 8Page - LUXPIA LWM1037 Datasheet HTML 9Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
2/20
(Ver 1.0)
1. Features
• Package : SMD Top View Type (1chip, 1Zener in 1PKG)
• Dimension : 3.5 × 2.8 × 0.8 mm (L×W×H)
• Small size surface mount type
• Viewing angle : extremely wide(120˚)
• Soldering methods : IR reflow soldering
2. Package Outline Dimensions and Recommended Solder Patterns
(units : mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com