Electronic Components Datasheet Search
  English  ▼

X  

TST12AS00T Datasheet(PDF) 49 Page - ITT Industries

Part # TST12AS00T
Description  CANNON TRIDENT SERIES
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST12AS00T Datasheet(HTML) 49 Page - ITT Industries

Back Button TST12AS00T Datasheet HTML 45Page - ITT Industries TST12AS00T Datasheet HTML 46Page - ITT Industries TST12AS00T Datasheet HTML 47Page - ITT Industries TST12AS00T Datasheet HTML 48Page - ITT Industries TST12AS00T Datasheet HTML 49Page - ITT Industries TST12AS00T Datasheet HTML 50Page - ITT Industries TST12AS00T Datasheet HTML 51Page - ITT Industries TST12AS00T Datasheet HTML 52Page - ITT Industries TST12AS00T Datasheet HTML 53Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 96 page
background image
49
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Thread M42X2
Drain Hole Type
Ø B
Ø C
A
Standard Type
Conduit Adapters
Adapters facilitate the fitting of various
accessories to the Neptune housings.
Type 1
• External threads for use with conduit.
Shell
Part
Size
Number
Nomenclature
A
ØB
ØC
16
192900-0187
TNA16CA01-20L 28,60 (1.126) 28,00 (1.102) 21,50 (.846)
24
192900-0184
TNA24CA01-20L 47,00 (1.850) 44,00 (1.732) 21,50 (.846)
24
192900-0185
TNA24CA01-25L 32,00 (1.260) 43,50 (1.713) 28,50 (1.122)
Type 2
• External grooves for heat shrink tubing
or conduit “push-fit” onto the adapter.
• Standard type is recommended for
sealed connections to the adapter.
• Drain hole type is recommended for
non sealed connections. E.g. split
conduit.
Shell
Part
Size Figure
Number
Nomenclature
AØB
ØC
16
1
192991-0015
TNA16CA02-18L
37,80 (1.488) 27,50 (1.082) 17,40 (.685)
24
1
192991-0013
TNA24CA02-26L
46,70 (1.839) 41,50 (1.634) 24,00 (.945)
24
2
192900-0654
TNA24CA02-25L
46,70 (1.839) 41,50 (1.634) 24,00 (.945)
Type 3
• For use with a 90° elbow.
• External threads for use with conduit.
Shell
Part
Size
Number
Nomenclature
A
ØB
24
192900-0226
TNA24CA03-34L 36,50 (1.437) 34,70 (1.366)
Figure 1
Figure 2
Neptune Circular Accessories
Cannon Trident Connectors
Single Piece Pack
Single Piece Pack
Single Piece Pack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com