Electronic Components Datasheet Search
  English  ▼

X  

TST12AS00T Datasheet(PDF) 53 Page - ITT Industries

Part # TST12AS00T
Description  CANNON TRIDENT SERIES
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST12AS00T Datasheet(HTML) 53 Page - ITT Industries

Back Button TST12AS00T Datasheet HTML 49Page - ITT Industries TST12AS00T Datasheet HTML 50Page - ITT Industries TST12AS00T Datasheet HTML 51Page - ITT Industries TST12AS00T Datasheet HTML 52Page - ITT Industries TST12AS00T Datasheet HTML 53Page - ITT Industries TST12AS00T Datasheet HTML 54Page - ITT Industries TST12AS00T Datasheet HTML 55Page - ITT Industries TST12AS00T Datasheet HTML 56Page - ITT Industries TST12AS00T Datasheet HTML 57Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 96 page
background image
53
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Contact Cavity
Arrangements
Mating Face View
Shell Size 10
Shell Size 12
Shell Size 14
Shell Size 14
Shell Size 14
Shell Size 16
Shell Size 16
0 Power
0 Power
0 Power
3 Power
3 Power
0 Power
4 Power
4 Signal
8 Signal
12 Signal
3 Signal
4 Signal
19 Signal
0 Signal
1 Wire sealing range 1,70 to 2,70 (.066 to .106)
Typical Nomenclature: TNM
6U
14 - 0012
S 1L
Series
TNM = Trident Neptune Metal
Shell Style
0 = Flange Receptacle (4 holes)
6 = Plug
7 = Jam Nut Receptacle
(Shell Size 14 only)
Sealing Class
S = Grommet and nut
U = Unsealed
Modification
*
= Standard
Packaging
B
= Bulk (100 pcs)
L= Single Pack
Connector Finish Materials
1
= Standard (Nickel Plated Metal
Parts)
Contact Type
P
= Pin
S= Socket
*
How to Order-Connecters
TNM Circular Connectors
Cannon Trident Connectors
Shell Size
Number of Power Contacts
Number of Signal Contacts1
Shell Size and Contact Arrangement
Shell Size
Number of
Power Contacts
Number of Signal
Contacts
10
-
00
04
12
-
00
08
14
-
00
12
14
-
03
03
14
-
03
04
16
-
00
19
16
-
04
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com