Electronic Components Datasheet Search
  English  ▼

X  

AM79C960 Datasheet(PDF) 100 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 100 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 96Page - Advanced Micro Devices AM79C960 Datasheet HTML 97Page - Advanced Micro Devices AM79C960 Datasheet HTML 98Page - Advanced Micro Devices AM79C960 Datasheet HTML 99Page - Advanced Micro Devices AM79C960 Datasheet HTML 100Page - Advanced Micro Devices AM79C960 Datasheet HTML 101Page - Advanced Micro Devices AM79C960 Datasheet HTML 102Page - Advanced Micro Devices AM79C960 Datasheet HTML 103Page - Advanced Micro Devices AM79C960 Datasheet HTML 104Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 127 page
background image
P R E L I M I N A R Y
AMD
1-442
Am79C960
SWITCHING CHARACTERISTICS: 10BASE-T INTERFACE
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Transmit Timing
tTETD
Transmit Start of Idle
250
350
ns
tTR
Transmitter Rise Time
(10% to 90%)
5.5
ns
tTF
Transmitter Fall Time
(90% to 10%)
5.5
ns
tTM
Transmitter Rise and Fall
Time Mismatch
1ns
tPERLP
Idle Signal Period
8
24
ms
tPWLP
Idle Link Pulse Width
(Note 1)
75
120
ns
tPWPLP
Predistortion Idle Link Pulse
Width
(Note 1)
45
55
ns
tJA
Transmit Jabber Activation Time
20
150
ms
tJR
Transmit Jabber Reset Time
250
750
ms
Receive Timing
tPWNRD
RXD Pulse Width Not to Turn
Off Internal Carrier Sense
VIN > VTHS (min)
136
–
ns
tPWROFF
RXD Pulse Width to Turn Off
VIN > VTHS (min)
200
ns
Note:
1. Not tested; parameter guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com