Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 154 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 154 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 150Page - Advanced Micro Devices AM79C971 Datasheet HTML 151Page - Advanced Micro Devices AM79C971 Datasheet HTML 152Page - Advanced Micro Devices AM79C971 Datasheet HTML 153Page - Advanced Micro Devices AM79C971 Datasheet HTML 154Page - Advanced Micro Devices AM79C971 Datasheet HTML 155Page - Advanced Micro Devices AM79C971 Datasheet HTML 156Page - Advanced Micro Devices AM79C971 Datasheet HTML 157Page - Advanced Micro Devices AM79C971 Datasheet HTML 158Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 265 page
background image
154
Am79C971
P R E L I M INARY
7
PSE
Pulse Stretcher Enable. When
this bit is set, the LED illumination
time is extended for each new oc-
currence of the enabled function
for this LED output. A value of 0
disables the pulse stretcher.
Read/Write accessible always.
PSE is set to 1 by H_RESET and
is not affected by S_RESET or
setting the STOP bit.
6
LNKSE
Link Status Enable. When this bit
is set, a value of 1 will be passed
to the LEDOUT bit in this register
when the T-MAU mode is in Link
Pass state. When the T-MAU is in
Link Fail state, a value of 0 is
passed to the LEDOUT bit. This
bit does not reflect the link status
of the external PHY.
The function of this bit is masked
if the 10BASE-T port is operating
in full-duplex mode. This allows a
Half-Duplex Link Status LED and
a Full-Duplex Link Status LED at
the same time.
Read/Write accessible always.
LNKSE is set to 1 by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
5
RCVME
Receive Match Status Enable.
When this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is receive ac-
tivity on the network that has
passed the address match func-
tion for this node. All address
matching modes are included:
physical, logical filtering, broad-
cast and promiscuous.
Read/Write accessible always.
RCVME is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
4
XMTE
Transmit Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is transmit
activity on the network.
Read/Write accessible always.
XMTE is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
3
RXPOLE
Receive Polarity Status Enable.
When this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when the polarity of the
RXD
± pair has not been re-
versed.
Receive polarity indication is val-
id only if the T-MAU is in link pass
state.
Read/Write accessible always.
RXPOLE is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
2
RCVE
Receive Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is receive ac-
tivity on the network.
Read/Write accessible always.
RCVE is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
1
JABE
Jabber Status Enable. When this
bit is set, a value of 1 is passed to
the LEDOUT bit in this register
when the Am79C971 controller is
jabbering on the network.
Read/Write accessible always.
JABE is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
0
COLE
Collision Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is collision
activity on the network. The activ-
ity on the collision inputs to the
AUI ports within the first 4
µs after
every transmission for the pur-
pose of SQE testing will not
cause the LEDOUT bit to be set.
Read/Write accessible always.
COLE is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com