Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 156 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 156 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 152Page - Advanced Micro Devices AM79C971 Datasheet HTML 153Page - Advanced Micro Devices AM79C971 Datasheet HTML 154Page - Advanced Micro Devices AM79C971 Datasheet HTML 155Page - Advanced Micro Devices AM79C971 Datasheet HTML 156Page - Advanced Micro Devices AM79C971 Datasheet HTML 157Page - Advanced Micro Devices AM79C971 Datasheet HTML 158Page - Advanced Micro Devices AM79C971 Datasheet HTML 159Page - Advanced Micro Devices AM79C971 Datasheet HTML 160Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 265 page
background image
156
Am79C971
P R E L I M INARY
10
DXCVRCTL DXCVR Control. When the AUI
interface is the active network
port, DXCVRCTL controls the as-
sertion of the LED1 output. The
polarity of the asserted state is
controlled by the LEDPOL bit
(BCR4, bit 14). The LED1 pin can
be used to control a DC-to-DC
converter
in
applications
that
want to connect a 10BASE2
MAU, as well as a standard DB15
AUI connector to the Am79C971
AUI port. When DXCVRCTL is
set to 1, the LED1 output will be
asserted. This could be used to
enable a DC-to-DC converter for
10BASE2 MAUs (assuming the
enable input of the DC-to-DC
converter is active high and LED-
POL is cleared to 0). When DX-
CVRCTL is cleared to 0, the
LED1 output will be deasserted.
This would power down the DC-
to-DC
converter.
When
the
10BASE-T interface is the active
network port, the DXCVR output
is always deasserted.
Read/Write accessible always.
DXCVRCTL
is
cleared
by
H_RESET and is unaffected by
S_RESET or by setting the STOP
bit.
9
MPSE
Magic Packet Status Enable.
When this bit is set to 1, a value of
1 is passed to the LEDOUT bit in
this register when Magic Packet
mode is enabled and a Magic
Packet frame is detected on the
network.
Read/Write accessible always.
MPSE is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
8
FDLSE
Full-Duplex Link Status Enable.
Indicates the Full-Duplex Link
Test Status. When this bit is set,
a value of 1 is passed to the LED-
OUT signal when the Am79C971
controller is functioning in a Link
Pass state and full-duplex opera-
tion
is
enabled.
When
the
Am79C971 controller is not func-
tioning in a Link Pass state with
full-duplex operation being en-
abled, a value of 0 is passed to
the LEDOUT signal.
When the 10BASE-T port is ac-
tive, a value of 1 is passed to the
LEDOUT signal whenever the
Link Test Function (described in
the T-MAU section) detects a
Link Pass state and the FDEN
(BCR9, bit 0) bit is set. When the
AUI port is active, a value of 1 is
passed to the LEDOUT signal
whenever full-duplex operation
on the AUI port is enabled (both
FDEN and AUIFD bits in BCR9
are set to 1).
Read/Write accessible always.
FDLSE is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
7
PSE
Pulse Stretcher Enable. When
this bit is set, the LED illumination
time is extended for each new oc-
currence of the enabled function
for this LED output. A value of 0
disables the pulse stretcher.
Read/Write accessible always.
PSE is set to 1 by H_RESET and
is not affected by S_RESET or
setting the STOP bit.
6
LNKSE
Link Status Enable. When this bit
is set, a value of 1 will be passed
to the LEDOUT bit in this register
when the T-MAU is in Link Pass
state. When the T-MAU is in Link
Fail state, a value of 0 is passed
to the LEDOUT bit. This bit does
not reflect the link status of the
external PHY.
The function of this bit is masked
if the 10BASE-T port is operating
in full-duplex mode. This allows a
Half-Duplex Link Status LED and
a Full-Duplex Link Status LED at
the same time.
Read/Write accessible always.
LNKSE is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com