Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 158 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 158 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 154Page - Advanced Micro Devices AM79C971 Datasheet HTML 155Page - Advanced Micro Devices AM79C971 Datasheet HTML 156Page - Advanced Micro Devices AM79C971 Datasheet HTML 157Page - Advanced Micro Devices AM79C971 Datasheet HTML 158Page - Advanced Micro Devices AM79C971 Datasheet HTML 159Page - Advanced Micro Devices AM79C971 Datasheet HTML 160Page - Advanced Micro Devices AM79C971 Datasheet HTML 161Page - Advanced Micro Devices AM79C971 Datasheet HTML 162Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 265 page
background image
158
Am79C971
P R E L I M INARY
14
LEDPOL
LED Polarity. When this bit has
the value 0, then the LED pin will
be driven to a LOW level whenev-
er the OR of the enabled signals
is true, and the LED pin will be
disabled and allowed to float high
whenever the OR of the enabled
signals is false (i.e., the LED out-
put will be an Open Drain output
and the output value will be the
inverse of the LEDOUT status
bit).
When this bit has the value 1,
then the LED pin will be driven to
a HIGH level whenever the OR of
the enabled signals is true, and
the LED pin will be driven to a
LOW level whenever the OR of
the enabled signals is false (i.e.,
the LED output will be a Totem
Pole output and the output value
will be the same polarity as the
LEDOUT status bit).
The setting of this bit will not ef-
fect the polarity of the LEDOUT
bit for this register.
Read/Write accessible always.
LEDPOL is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
13
LEDDIS
LED Disable. This bit is used to
disable the LED output. When
LEDDIS has the value 1, then the
LED output will always be dis-
abled. When LEDDIS has the val-
ue 0, then the LED output value
will be governed by the LEDOUT
and LEDPOL values.
Read/Write accessible always.
LEDDIS is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
12
100E
100 Mbps Enable. When this bit
is set to 1, a value of 1 is passed
to the LEDOUT bit in this register
when the Am79C971 controller is
operating at 100 Mbps mode. The
indication is valid with both the in-
ternal and external PHYs.
Read/Write accessible always.
100E is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
11
MIISE
Media Independent Interface Se-
lected Enable. Indicates when the
MII interface is selected. This will
be set when either the Manage-
ment Port State Machine is se-
lecting the MII or when ASEL
(BCR2, bit1) is disabled and
PORTSEL (CSR15, bits 8-7) se-
lects the MII. This could control
relays to switch in and out appro-
priate filters or could control an
external PHY when sharing an
RJ45 connector.
Read/Write accessible always.
MIISE is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
10
DXCVRCTL
DXCVR Control. When the AUI
interface is the active network
port, DXCVRCTL controls the as-
sertion of the LED2 output. The
polarity of the asserted state is
controlled by the LEDPOL bit
(BCR4, bit 14). The LED2 pin can
be used to control a DC-to-DC
converter
in
applications
that
want to connect a 10BASE2
MAU, as well as a standard DB15
AUI connector to the Am79C971
AUI port. When DXCVRCTL is
set to 1, the LED2 output will be
asserted. This could be used to
enable a DC-to-DC converter for
10BASE2 MAUs (assuming the
enable input of the DC-to-DC
converter is active high and LED-
POL is cleared to 0). When DX-
CVRCTL is cleared to 0, the
LED2 output will be deasserted.
This would power down the DC-
to-DC
converter.
When
the
10BASE-T interface is the active
network port, the DXCVR output
is always deasserted.
Read/Write accessible always.
DXCVRCTL
is
cleared
by
H_RESET and is unaffected by
S_RESET or by setting the STOP
bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com