Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 190 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 190 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 186Page - Advanced Micro Devices AM79C971 Datasheet HTML 187Page - Advanced Micro Devices AM79C971 Datasheet HTML 188Page - Advanced Micro Devices AM79C971 Datasheet HTML 189Page - Advanced Micro Devices AM79C971 Datasheet HTML 190Page - Advanced Micro Devices AM79C971 Datasheet HTML 191Page - Advanced Micro Devices AM79C971 Datasheet HTML 192Page - Advanced Micro Devices AM79C971 Datasheet HTML 193Page - Advanced Micro Devices AM79C971 Datasheet HTML 194Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 265 page
background image
190
Am79C971
REGISTER SUMMARY
PCI Configuration Registers
Note:
RO = read only, RW = read/write
Offset
Name
Width
in Bit
Access
Mode
Default
Value
00h
PCI Vendor ID
16
RO
1022h
02h
PCI Device ID
16
RO
2000h
04h
PCI Command
16
RW
0000h
06h
PCI Status
16
RW
0280h
08h
PCI Revision ID
8
RO
10h
09h
PCI Programming IF
8
RO
00h
0Ah
PCI Sub-Class
8
RO
00h
0Bh
PCI Base-Class
8
RO
02h
0Ch
Reserved
8
RO
00h
0Dh
PCI Latency Timer
8
RW
00h
0Eh
PCI Header Type
8
RO
00h
0Fh
Reserved
8
RO
00h
10h
PCI I/O Base Address
32
RW
0000 0001h
14h
PCI Memory Mapped I/O Base Address
32
RW
0000 0000h
18h - 2Bh
Reserved
8
RO
00h
2Ch
PCI Subsystem Vendor ID
16
RO
00h
2Eh
PCI Subsystem ID
16
RO
00h
30h
PCI Expansion ROM Base Address
32
RW
0000 0000h
34h - 3Bh
Reserved
8
RO
00h
3Ch
PCI Interrupt Line
8
RW
00h
3Dh
PCI Interrupt Pin
8
RO
01h
3Eh
PCI MIN_GNT
8
RO
06h
3Fh
PCI MAX_LAT
8
RO
FFh
40h - FFh
Reserved
8
RO
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com