Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 188 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 188 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 184Page - Advanced Micro Devices AM79C971 Datasheet HTML 185Page - Advanced Micro Devices AM79C971 Datasheet HTML 186Page - Advanced Micro Devices AM79C971 Datasheet HTML 187Page - Advanced Micro Devices AM79C971 Datasheet HTML 188Page - Advanced Micro Devices AM79C971 Datasheet HTML 189Page - Advanced Micro Devices AM79C971 Datasheet HTML 190Page - Advanced Micro Devices AM79C971 Datasheet HTML 191Page - Advanced Micro Devices AM79C971 Datasheet HTML 192Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 265 page
background image
188
Am79C971
24
ENP
End of Packet indicates that this
is the last buffer to be used by the
Am79C971
controller
for
this
frame. It is used for data chaining
buffers. If both STP and ENP are
set, the frame fits into one buffer
and there is no data chaining.
ENP is set by the host and is not
changed by the Am79C971 con-
troller.
23
BPE
Bus Parity Error is set by the
Am79C971 controller when a par-
ity error occurred on the bus inter-
face during a data transfers from
the transmit buffer associated
with
this
descriptor.
The
Am79C971 controller will only set
BPE when the advanced parity
error handling is enabled by set-
ting APERREN (BCR20, bit 10) to
1. BPE is set by the Am79C971
controller and cleared by the
host.
This bit does not exist, when the
Am79C971
controller
is
pro-
grammed to use 16-bit software
structures for the descriptor ring
entries (BCR20, bits 7-0, SW-
STYLE is cleared to 0).
22-16
RES
Reserved locations.
15-12
ONES
These four bits must be written as
ones. This field is written by the
host
and
unchanged
by
the
Am79C971 controller.
11-00
BCNT
Buffer Byte Count is the usable
length of the buffer pointed to by
this descriptor, expressed as the
two’s complement of the length of
the buffer. This is the number of
bytes from this buffer that will be
transmitted by the Am79C971
controller. This field is written by
the host and is not changed by
the Am79C971 controller. There
are no minimum buffer size re-
strictions.
TMD2
Bit
Name
Description
31
BUFF
Buffer
error
is
set
by
the
Am79C971
controller
during
transmission
when
the
Am79C971 controller does not
find the ENP flag in the current
descriptor and does not own the
next descriptor. This can occur in
either of two ways:
1. The OWN bit of the next buffer
is 0.
2. FIFO underflow occurred be-
fore the Am79C971 controller ob-
tained
the
STATUS
byte
(TMD1[31:24]) of the next de-
scriptor. BUFF is set by the
Am79C971
controller
and
cleared by the host.
If a Buffer Error occurs, an Un-
derflow Error will also occur.
BUFF is not valid when LCOL or
RTRY error is set during transmit
data chaining. BUFF is set by the
Am79C971
controller
and
cleared by the host.
30
UFLO
Underflow error indicates that the
transmitter has truncated a mes-
sage because it could not read
data from memory fast enough.
UFLO indicates that the FIFO has
emptied before the end of the
frame was reached.
When DXSUFLO (CSR3, bit 6) is
cleared to 0, the transmitter is
turned off when an UFLO error
occurs (CSR0, TXON = 0).
When DXSUFLO is set to 1, the
Am79C971 controller gracefully
recovers from an UFLO error. It
scans the transmit descriptor ring
until it finds the start of a new
frame and starts a new transmis-
sion.
UFLO is set by the Am79C971
controller and cleared by the
host.
29
EXDEF
Excessive Deferral. Indicates that
the transmitter has experienced
Excessive Deferral on this trans-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com