Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 185 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 185 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 181Page - Advanced Micro Devices AM79C971 Datasheet HTML 182Page - Advanced Micro Devices AM79C971 Datasheet HTML 183Page - Advanced Micro Devices AM79C971 Datasheet HTML 184Page - Advanced Micro Devices AM79C971 Datasheet HTML 185Page - Advanced Micro Devices AM79C971 Datasheet HTML 186Page - Advanced Micro Devices AM79C971 Datasheet HTML 187Page - Advanced Micro Devices AM79C971 Datasheet HTML 188Page - Advanced Micro Devices AM79C971 Datasheet HTML 189Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 265 page
background image
Am79C971
185
P R E L I M INARY
to a match of the frame’s destina-
tion address with the content of
the physical address register.
PAM is valid only when ENP is
set. PAM is set by the Am79C971
controller and cleared by the
host.
This bit does not exist when the
Am79C971
controller
is
pro-
grammed to use 16-bit software
structures for the descriptor ring
entries (BCR20, bits 7-0, SW-
STYLE is cleared to 0).
21
LAFM
Logical Address Filter Match is
set by the Am79C971 controller
when it accepts the received
frame based on the value in the
logical
address
filter
register.
LAFM is valid only when ENP is
set.
LAFM
is
set
by
the
Am79C971
controller
and
cleared by the host.
Note that if DRCVBC (CSR15, bit
14) is cleared to 0, only BAM, but
not LAFM will be set when a
Broadcast
frame
is
received,
even if the Logical Address Filter
is programmed in such a way that
a Broadcast frame would pass
the hash filter. If DRCVBC is set
to 1 and the Logical Address Fil-
ter is programmed in such a way
that a Broadcast frame would
pass the hash filter, LAFM will be
set on the reception of a Broad-
cast frame.
This bit does not exist when the
Am79C971
controller
is
pro-
grammed to use 16-bit software
structures for the descriptor ring
entries (BCR20, bits 7-0, SW-
STYLE is cleared to 0).
20
BAM
Broadcast Address Match is set
by
the
Am79C971
controller
when it accepts the received
frame, because the frame’s desti-
nation address is of the type
’Broadcast.’ BAM is valid only
when ENP is set. BAM is set by
the Am79C971 controller and
cleared by the host.
This bit does not exist when the
Am79C971
controller
is
pro-
grammed to use 16-bit software
structures for the descriptor ring
entries (BCR20, bits 7-0, SW-
STYLE is cleared to 0).
19-16 RES
Reserved locations. These loca-
tions should be read and written
as zeros.
15-12 ONES
These four bits must be written as
ones. They are written by the host
and
unchanged
by
the
Am79C971 controller.
11-00 BCNT
Buffer Byte Count is the length of
the buffer pointed to by this de-
scriptor, expressed as the two’s
complement of the length of the
buffer. This field is written by the
host
and
unchanged
by
the
Am79C971 controller.
RMD2
Bit
Name
Description
ZERO
This
field
is
reserved.
The
Am79C971 controller will write a
zero to this location.
30-16 RFRTAG
Receive Frame Tag. Indicates
the Receive Frame Tag applied
from the EADI interface. This field
is user defined and has a default
value of all zeros. When RX-
FRTG (CSR7, bit 14) is set to 0,
RFRTAG will be read as all zeros.
See the section on Receive
Frame Tagging for details.
15-12 ZEROS
This field is reserved. Am79C971
controller will write zeros to these
locations.
11-0
MCNT
Message Byte Count is the length
in bytes of the received message,
expressed as an unsigned binary
integer. MCNT is valid only when
ERR is clear and ENP is set.
MCNT
is
written
by
the
Am79C971
controller
and
cleared by the host.
Note: This is a 13-bit internal
counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com