Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 184 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 184 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 180Page - Advanced Micro Devices AM79C971 Datasheet HTML 181Page - Advanced Micro Devices AM79C971 Datasheet HTML 182Page - Advanced Micro Devices AM79C971 Datasheet HTML 183Page - Advanced Micro Devices AM79C971 Datasheet HTML 184Page - Advanced Micro Devices AM79C971 Datasheet HTML 185Page - Advanced Micro Devices AM79C971 Datasheet HTML 186Page - Advanced Micro Devices AM79C971 Datasheet HTML 187Page - Advanced Micro Devices AM79C971 Datasheet HTML 188Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 265 page
background image
184
Am79C971
P R E L I M INARY
Once the Am79C971 controller or
host has relinquished ownership
of a buffer, it must not change any
field in the descriptor entry.
30
ERR
ERR is the OR of FRAM, OFLO,
CRC, BUFF, or BPE. ERR is set
by the Am79C971 controller and
cleared by the host.
29
FRAM
Framing error indicates that the
incoming frame contains a non-
integer multiple of eight bits and
there was an FCS error. If there
was no FCS error on the incom-
ing frame, then FRAM will not be
set even if there was a non-
integer multiple of eight bits in the
frame. FRAM is not valid in inter-
nal loopback mode. FRAM is val-
id only when ENP is set and
OFLO is not. FRAM is set by the
Am79C971
controller
and
cleared by the host.
28
OFLO
Overflow error indicates that the
receiver has lost all or part of the
incoming frame, due to an inabili-
ty to move data from the receive
FIFO into a memory buffer before
the internal FIFO overflowed.
OFLO is set by the Am79C971
controller and cleared by the
host.
27
CRC
CRC indicates that the receiver
has detected a CRC (FCS) error
on the incoming frame. CRC is
valid only when ENP is set and
OFLO is not. CRC is set by the
Am79C971
controller
and
cleared by the host. CRC will also
be set when Am79C971 receives
an RX_ER indication from the ex-
ternal PHY through the MII.
26
BUFF
Buffer error is set any time the
Am79C971 controller does not
own the next buffer while data
chaining a received frame. This
can occur in either of two ways:
1. The OWN bit of the next buffer
is 0.
2. FIFO overflow occurred before
the Am79C971 controller was
able to read the OWN bit of
the next descriptor.
If a Buffer Error occurs, an Over-
flow Error may also occur inter-
nally in the FIFO, but will not be
reported in the descriptor status
entry unless both BUFF and
OFLO errors occur at the same
time.
BUFF
is
set
by
the
Am79C971
controller
and
cleared by the host.
25
STP
Start of Packet indicates that this
is the first buffer used by the
Am79C971
controller
for
this
frame. If STP and ENP are both
set to 1, the frame fits into a single
buffer. Otherwise, the frame is
spread over more than one buff-
er. When LAPPEN (CSR3, bit 5)
is cleared to 0, STP is set by the
Am79C971
controller
and
cleared by the host. When LAP-
PEN is set to 1, STP must be set
by the host.
24
ENP
End of Packet indicates that this
is the last buffer used by the
Am79C971
controller
for
this
frame. It is used for data chaining
buffers. If both STP and ENP are
set, the frame fits into one buffer
and there is no data chaining.
ENP is set by the Am79C971
controller and cleared by the
host.
23
BPE
Bus Parity Error is set by the
Am79C971 controller when a par-
ity error occurred on the bus inter-
face during data transfers to a
receive buffer. BPE is valid only
when ENP, OFLO, or BUFF are
set. The Am79C971 controller will
only set BPE when the advanced
parity error handling is enabled
by setting APERREN (BCR20, bit
10) to 1. BPE is set by the
Am79C971
controller
and
cleared by the host.
This bit does not exist when the
Am79C971
controller
is
pro-
grammed to use 16-bit software
structures for the descriptor ring
entries (BCR20, bits 7-0, SW-
STYLE is cleared to 0).
22
PAM
Physical Address Match is set by
the Am79C971 controller when it
accepts the received frame due



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com