Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 186 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 186 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 182Page - Advanced Micro Devices AM79C971 Datasheet HTML 183Page - Advanced Micro Devices AM79C971 Datasheet HTML 184Page - Advanced Micro Devices AM79C971 Datasheet HTML 185Page - Advanced Micro Devices AM79C971 Datasheet HTML 186Page - Advanced Micro Devices AM79C971 Datasheet HTML 187Page - Advanced Micro Devices AM79C971 Datasheet HTML 188Page - Advanced Micro Devices AM79C971 Datasheet HTML 189Page - Advanced Micro Devices AM79C971 Datasheet HTML 190Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 265 page
background image
186
Am79C971
P R E L I M INARY
RMD3
Bit
Name
Description
31-0
US
User Space. Reserved for user
defined space.
Transmit Descriptors
When SWSTYLE (BCR20, bits 7-0) is set to 0, the soft-
ware structures are defined to be 16 bits wide, and
transmit descriptors look like Table 49 (CXDA = Current
Transmit Descriptor Address).
When SWSTYLE (BCR 20, bits 7-0) is set to 2, the soft-
ware structures are defined to be 32 bits wide, and
transmit descriptors look like Table 50 (CXDA = Current
Transmit Descriptor Address).
When SWSTYLE (BCR 20, bits 7-0) is set to 3, then the
software structures are defined to be 32 bits wide, and
transmit descriptors look like Table 51 (CXDA = Current
Transmit Descriptor Address).
TMD0
Bit
Name
Description
31-0
TBADR
Transmit Buffer address. This
field contains the address of the
transmit buffer that is associated
with this descriptor.
Table 49.
Transmit Descriptor (SWSTYLE = 0)
Address
15
14
13
12
11
10
9
8
7-0
CXDA+00h
TBADR[15:0]
CXDA+02h
OWN
ERR
ADD_
FCS
MORE/
LTINT
ONE
DEF
STP
ENP
TBADR[23:16]
CXDA+04h
1
1
1
1
BCNT
CXDA+06h
BUFF
UFLO
EX
DEF
LCOL
LCAR
RTRY
TDR
Table 50.
Transmit Descriptor (SWSTYLE = 2)
Address
31
30
29
28
27
26
25
24
23
22-16
15-12
11-4
3-0
CXDA+00h
TBADR[31:0]
CXDA+04h
OWN
ERR
ADD_
FCS
MORE/
LTINT
ONE
DEF
STP
ENP
BPE
RES
1111
BCNT
CXDA+08h
BUFF
UFLO
EX
DEF
LCOL
LCAR
RTRY
RES
RES
RES
RES
RES
RES
TRC
CXDA+0Ch
USER SPACE
Table 51.
Transmit Descriptor (SWSTYLE = 3)
Address
31
30
29
28
27
26
25
24
23
22-16
15-12
11-4
3-0
CXDA+00h
BUFF
UFLO
EX
DEF
LCOL
LCAR
RTRY
RES
RES
TRC
CXDA+04h
OWN
ERR
ADD_
FCS
MORE/
LTINT
ONE
DEF
STP
ENP
BPE
RES
1111
BCNT
CXDA+08h
TBADR[31:0]
CXDA+0Ch
USER SPACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com