Electronic Components Datasheet Search
  English  ▼

X  

AM79C971VCW Datasheet(PDF) 203 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 203 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 199Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 200Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 201Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 202Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 203Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 204Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 205Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 206Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 207Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 265 page
background image
Am79C971
203
3. VOH does not apply to open-drain output pins.
4. OH1 applies to all other outputs.
IOH2 applies to TXD[3:0], TX_EN,TX_ER,MDC, and MDIO
Outputs are CMOS and will be driven to rail if the load is not resistive.
5. IL and IIH apply to all input pins except XTAL1.
6. OZL and IOZH apply to all three-state output pins and bidirectional pins.
7. Parameter not tested. Value determined by characterization.
8. Tested, but to values in excess of limits. Test accuracy not sufficient to allow screening guard bands.
9. Correlated to other tested parameters - not tested directly.
10. Test not implemented to data sheet specification.
11. CIN = 8 pF for the IDSEL input and all input pins on the MII interface (TX_CLK, COL, CRS, RX_CLK, RXD[3:0], RX_DV,
RX_ER).
12. The power supply current in Magic Packet mode is linear with respect to the PCI Clock frequency operation, assuming the
network port remains constant. For example, at CLK = 20 MHz, the maximum Magic Packet power supply current would be
87 mA.
SWITCHING CHARACTERISTICS: BUS INTERFACE
Parameter
Symbol
Parameter Name
Test Condition
Min
Max
Unit
Clock Timing - PCI Bus Interface
FCLK
CLK Frequency
0
33
MHz
tCYC
CLK Period
@ 1.5 V for VDDB = 5 V
@ 0.4 VDD_PCI V for VDD_PCI = 3.3 V
30
_
ns
tHIGH
CLK High Time
@ 2.0 V for VDDB = 5 V
@ 0.475 VDD_PCI V for VDD_PCI = 3.3
V
12
ns
tLOW
CLK Low Time
@ 0.8 V for VDDB = 5 V
@ 0.325 VDD_PCI V for VDD_PCI = 3.3
V
12
ns
tFALL
CLK Fall Time
over 2 V p-p for VDDB = 5 V
over 0.4 VDD_PCI p-p for VDD_PCI =
3.3 V
(Note 1)
1
4
V/ns
tRISE
CLK Rise Time
over 2 V p-p for VDDB = 5 V
over 0.4 VDD_PCI p-p for VDD_PCI =
3.3 V
(Note 1)
1
4
V/ns
Output and Float Delay Timing - PCI Bus Interface
tVAL
AD[31:00], C/BE[3:0], PAR, FRAME,
IRDY, TRDY, STOP, DEVSEL,
PERR, SERR
Valid Delay
2
11
ns
tVAL (REQ)
REQ Valid Delay
2
12
ns
tON
AD[31:00], C/BE[3:0], PAR, FRAME,
IRDY, TRDY, STOP, DEVSEL Active
Delay
2
ns
tOFF
AD[31:00], C/BE[3:0], PAR, FRAME,
IRDY, TRDY, STOP, DEVSEL Float
Delay
28
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com