Electronic Components Datasheet Search
  English  ▼

X  

LT3592 Datasheet(PDF) 13 Page - Linear Integrated Systems

Part # LT3592
Description  500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3592 Datasheet(HTML) 13 Page - Linear Integrated Systems

Back Button LT3592 Datasheet HTML 9Page - Linear Integrated Systems LT3592 Datasheet HTML 10Page - Linear Integrated Systems LT3592 Datasheet HTML 11Page - Linear Integrated Systems LT3592 Datasheet HTML 12Page - Linear Integrated Systems LT3592 Datasheet HTML 13Page - Linear Integrated Systems LT3592 Datasheet HTML 14Page - Linear Integrated Systems LT3592 Datasheet HTML 15Page - Linear Integrated Systems LT3592 Datasheet HTML 16Page - Linear Integrated Systems LT3592 Datasheet HTML 17Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3592
13
3592fc
at the LT3592 and to force this very high frequency switch-
ing current into a tight local loop, minimizing EMI. A 1μF
capacitor is capable of this task, but only if it is placed
close to the LT3592 and catch diode (see the PCB layout
section). A second precaution regarding the ceramic input
capacitor concerns the maximum input voltage rating of
the LT3592. A ceramic input capacitor combined with trace
or cable inductance forms a high quality (underdamped)
tank circuit. If the LT3592 circuit is plugged into a live
supply, the input voltage can ring to twice its nominal
value, possibly exceeding the LT3592’s voltage rating.
This situation can easily be avoided, as discussed in the
Hot Plugging Safety section. For more details, see Linear
Technology Application Note 88.
Output Capacitor
For most 2.2MHz LED applications, a 3.3μF or higher
output capacitor is sufficient for stable operation. A
900kHz application should use a 4.7μF or higher output
capacitor. 400kHz applications require a 22μF or higher
output capacitor. The minimum recommended values
should provide an acceptable (if somewhat underdamped)
transient response, but larger values can always be used
when extra damping is required or desired.
The output capacitor filters the inductor current to generate
an output with low voltage ripple. It also stores energy in
order to satisfy transient loads and stabilizes the LT3592’s
control loop. Because the LT3592 operates at a high fre-
quency,minimaloutputcapacitanceisnecessary.Inaddition,
the control loop operates well with or without the presence
of significant output capacitor equivalent series resistance
(ESR). Ceramic capacitors, which achieve very low output
ripple and small circuit size, are therefore an option.
APPLICATIONS INFORMATION
You can estimate output ripple with the following
equation:
V
RIPPLE =
ΔILP−P
8• ƒ • C
OUT
where ΔILP-P is the peak-to-peak ripple current in the in-
ductor. The RMS content of this ripple is very low, so the
RMS current rating of the output capacitor is usually not
a concern. It can be estimated with the formula:
I
C(RMS) =
ΔIL
12
The low ESR and small size of ceramic capacitors make
them the preferred type for LT3592 applications. Not all
ceramic capacitors are the same, though. Many of the
higher value ceramic capacitors use poor dielectrics with
high temperature and voltage coefficients. In particular,
Y5V and Z5U types lose a large fraction of their capacitance
with applied voltage and at temperature extremes.
Because loop stability and transient response depend on
the value of COUT, this loss may be unacceptable. Use X7R
and X5R types. Table 3 lists several capacitor vendors.
Figure 4 shows the transient response of the LT3592 when
switching between DIM and BRIGHT current levels with
two output capacitor choices. The output load is two series
Luxeon K2 Red LEDs, the DIM current is 50mA and the
BRIGHT current is 500mA, and the circuit is running at
900kHz. The upper photo shows the recommended 4.7μF
value. The second photo shows the improved response
resulting from a larger output capacitor.
Table 3. Capacitor Vendor Information
SUPPLIER
PHONE
FAX
WEBSITE
AVX
(803) 448-9411
(803) 448-1943
www.avxcorp.com
Sanyo
(619) 661-6322
(619) 661-1055
www.sanyovideo.com
Taiyo Yuden
(408) 573-4150
(408) 573-4159
www.t-yuden.com
TDK
(847) 803-6100
(847) 803-6296
www.component.tdk.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com