Electronic Components Datasheet Search
  English  ▼

X  

LT3592 Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LT3592
Description  500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3592 Datasheet(HTML) 3 Page - Linear Integrated Systems

  LT3592 Datasheet HTML 1Page - Linear Integrated Systems LT3592 Datasheet HTML 2Page - Linear Integrated Systems LT3592 Datasheet HTML 3Page - Linear Integrated Systems LT3592 Datasheet HTML 4Page - Linear Integrated Systems LT3592 Datasheet HTML 5Page - Linear Integrated Systems LT3592 Datasheet HTML 6Page - Linear Integrated Systems LT3592 Datasheet HTML 7Page - Linear Integrated Systems LT3592 Datasheet HTML 8Page - Linear Integrated Systems LT3592 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT3592
3
3592fc
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3592E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3592I is guaranteed over the full –40°C to 125°C operating junction
temperature range. The operating lifetime is derated at junction
temperatures greater than 125°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
3.25
3.6
V
Input Quiescent Current in Shutdown
Not Switching
VSHDN = 0.3V
2
0.1
3
2
mA
μA
CAP to OUT Voltage
0.4Ω CAP to OUT
BRIGHT = 1.4V
BRIGHT = 0.3V
l
l
190
18
200
20
210
22
mV
mV
DA Pin Current to Stop OSC
–0.8
–1
–1.2
A
Switching Frequency
RT = 357k
RT = 140k
RT = 48.7k
350
800
1.9
400
900
2.2
450
1000
2.5
kHz
kHz
MHz
Maximum Duty Cycle
RT = 140k
90
94
%
SHDN Input High Voltage
2.3
V
SHDN Input Low Voltage
0.3
V
BRIGHT Input High Voltage
1.4
V
BRIGHT Input Low Voltage
0.3
V
Switch Current Limit (Note 4)
l
0.85
1.25
1.5
A
Switch VCESAT
ISW = 500mA
300
mV
Boost Pin Current
ISW = 500mA
20
30
mA
Switch Leakage Current
110
μA
Minimum Boost Voltage (VBOOST – VIN)VOUT = 4V
1.8
2.5
V
Boost Diode Forward Voltage
IDIO = 50mA
800
mV
VFB Voltage
OUT = CAP = 4V, Bright = 12V
l
1.185
1.21
1.235
V
VFB Input Leakage Current
VFB = 1.21V
l
–250
250
nA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VBOOST = 16V, VOUT = 4V unless otherwise noted. (Note 2)
Note 3: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed the maximum operating junction temperature
when overtemperature protection is active. Continuous operation above
the specified maximum operating junction temperature may result in
device degradation or failure.
Note 4: Switch Current Measurements are performed when the outputs
are not switching. Slope compensation reduces current limit at higher duty
cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com