Electronic Components Datasheet Search
  English  ▼

X  

AM79C989 Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM79C989
Description  Quad Ethernet Switching Transceiver (QuEST??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C989 Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM79C989 Datasheet HTML 24Page - Advanced Micro Devices AM79C989 Datasheet HTML 25Page - Advanced Micro Devices AM79C989 Datasheet HTML 26Page - Advanced Micro Devices AM79C989 Datasheet HTML 27Page - Advanced Micro Devices AM79C989 Datasheet HTML 28Page - Advanced Micro Devices AM79C989 Datasheet HTML 29Page - Advanced Micro Devices AM79C989 Datasheet HTML 30Page - Advanced Micro Devices AM79C989 Datasheet HTML 31Page - Advanced Micro Devices AM79C989 Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
28
Am79C989
PRELIMINARY
SYSTEM APPLICATIONS
10 Mbps Ethernet Switch
The QuEST device is targeted for use in 10BASE-T
switching applications. The QuEST device provides
four 10BASE-T receive and transmit ports.
Optionally, one of the 10BASE-T ports can be repro-
grammed as an AUI. The four Ethernet ports are multi-
plexed into the QuASI interface which interfaces to a
switching subsystem. The QuEST device provides
10BASE-T filterless technology and a reduced pin
count which enables high levels of switch integration.
Figure 1.
QuEST Device Application Diagram
Note: If QINT and the AUI port are used, a special circuit (not shown) is needed for PCI. Optional
QuEST
RJ45 Connector
RJ45 Connector
RJ45 Connector
RJ45 Connector
AUI Connector
(Optional)
100
Ω
110
Ω
100
Ω
110
Ω
100
Ω
100
Ω
110
Ω
110
Ω
40.2
Ω
40.2
Ω
TXD0+
TXD0-
RXD0+
RXD0-
TXD1-
RXD1+
RXD1-
TXD2+
TXD2-
RXD2+
RXD2-
TXD3+
TXD3-
RXD3+
RXD3-
TXD1+
PCI/CI+
CI-
DI+
DO+
DI-
DO-
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
REXT
QTX_EN
QTX_DATA
QRX_DATA
QRX_VALID
QCLSN
QRX_CRS
SCLK
QRST/STRB
QINT
MDC
MDIO
MDC
MDIO
INT
TX_EN
TX_DATA
RCV_DATA
RCV_DV
CLSN
RCV_CRS
SCLK
RESET
Shared
Signals
Switch
Interface
VDD
VDD
VDD VDD
VDD
or
40.2
Ω
40.2
Ω
0.01
µF to
10.1
µF
0.01
µF to
10.1
µF
21173B-5
10K resistors are used to set internal address match for Management Address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com