Electronic Components Datasheet Search
  English  ▼

X  

AM79C989 Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AM79C989
Description  Quad Ethernet Switching Transceiver (QuEST??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C989 Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AM79C989 Datasheet HTML 26Page - Advanced Micro Devices AM79C989 Datasheet HTML 27Page - Advanced Micro Devices AM79C989 Datasheet HTML 28Page - Advanced Micro Devices AM79C989 Datasheet HTML 29Page - Advanced Micro Devices AM79C989 Datasheet HTML 30Page - Advanced Micro Devices AM79C989 Datasheet HTML 31Page - Advanced Micro Devices AM79C989 Datasheet HTML 32Page - Advanced Micro Devices AM79C989 Datasheet HTML 33Page - Advanced Micro Devices AM79C989 Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
30
Am79C989
PRELIMINARY
Note: 1. Parameter not tested.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Attachment Unit Interface (AUI) (continued)
VATH
Receive Data Differential Input
Threshold CI/DI
±
(Note 1)
-35
+35
mV
VASQ
DI
± and CI± Differential Input
Threshold (Squelch)
-275
-160
mV
VAIDV
DI
± and CI± Differential Mode Input
Voltage Range
-2.5
+2.5
V
VAICM
DI
± and CI± Input Bias Voltage
IIN = 0 mA
VDD -3.0
VDD -1.0
V
10BASE-T Receive Interface
IIRXD
Input Current at RXD
±
VSSRX <VIN <VDD
-500
500
µA
RRXD
RXD
± Differential Input Resistance
(Note 1)
10
k
Ω
VTIVB
RXD+, RXD- Open Circuit Input
Voltage (Bias)
IIN = 0 mA
VDDTX -3.0
VDDTX -1.5
V
VTIDV
Differential Mode Input Voltage Range
(RXD
±)
VDDTX = +5.0 V
-3.1
+3.1
V
VTSQ+
RXD Positive Squelch Threshold
(Peak)
Sinusoid
5 MHz
≤ f ≤10 MHz
300
520
mV
VTSQ-
RXD Negative Squelch Threshold
(Peak)
Sinusoid
5 MHz
≤ f ≤ 10 MHz
-520
-300
mV
VTHS+
RXD Post-Squelch Positive Threshold
(Peak)
Sinusoid
5 MHz
≤ f ≤ 10 MHz
150
293
mV
VTHS-
RXD Post-Squelch Negative
Threshold (Peak)
Sinusoid
5 MHz
≤ f ≤ 10 MHz
-293
-150
mV
VLTSQ+
RXD Positive Squelch Threshold
(Peak). Extended Distance Mode.
Sinusoid
5 MHz
≤ f ≤ 10 MHz
180
312
mV
VLTSQ-
RXD Negative Squelch Threshold
(Peak). Extended Distance Mode.
Sinusoid
5 MHz
≤ f ≤ 10 MHz
-312
-180
mV
VLTHS+
RXD Post-Squelch Positive Threshold
(Peak). Extended Distance Mode.
Sinusoid
5 MHz
≤ f ≤ 10 MHz
90
175
mV
VLTHS-
RXD Post-Squelch Negative
Threshold (Peak). Extended Distance
Mode.
Sinusoid
5 MHz
≤ f ≤ 10 MHz
-175
-90
mV
VRXDTH
RXD Switching Threshold
(Note 1)
-35
35
mV
Power Supply Current
IDDTX
Power Supply Current (All 10BASE-T
Ports Transmitting)
275
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com