Electronic Components Datasheet Search
  English  ▼

X  

AM8530H Datasheet(PDF) 99 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 99 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 95Page - Advanced Micro Devices AM8530H Datasheet HTML 96Page - Advanced Micro Devices AM8530H Datasheet HTML 97Page - Advanced Micro Devices AM8530H Datasheet HTML 98Page - Advanced Micro Devices AM8530H Datasheet HTML 99Page - Advanced Micro Devices AM8530H Datasheet HTML 100Page - Advanced Micro Devices AM8530H Datasheet HTML 101Page - Advanced Micro Devices AM8530H Datasheet HTML 102Page - Advanced Micro Devices AM8530H Datasheet HTML 103Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 194 page
background image
Support Circuitry Programming
AMD
5–5
Figure 5–1 shows a simplified schematic diagram of the circuitry used in the clock multi-
plexing. It shows the inputs to the multiplexer section as well as the various signal inver-
sions that occur in the paths to the outputs. Also shown are the edges used by the re-
ceiver, transmitter, BRG, and DPLL to sample or send data or otherwise change state.
For example, the receiver samples data on the falling edge, but since there is an inver-
sion in the clock path between the
RTxC pin and the receiver, a rising edge of the RTxC
pin samples the data for the receiver.
5.2.4
Clock Programming
Selection of the clock options may be done anywhere in the initialization sequence, but
the final values must be selected before the receiver, transmitter, BRG, or DPLL are en-
abled to prevent problems from arbitrarily narrow clock signals out of the multiplexers.
The same is true of the crystal oscillator, in that the output should be allowed to stabilize
before it is used as a clock source.
SYNC
OSC
OSC
RTxC
DPLL
TX
RX
Receiver
Transmitter
TRxC
BRG
ECHO
ECHO
DPLL
Baud Rate
Baud Rate
Generator Out
TX DPLL Out
RX DPLL Out
PCLK
Generator
Figure 5–1. Clock Multiplexer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com