Electronic Components Datasheet Search
  English  ▼

X  

AM8530H Datasheet(PDF) 100 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 100 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 96Page - Advanced Micro Devices AM8530H Datasheet HTML 97Page - Advanced Micro Devices AM8530H Datasheet HTML 98Page - Advanced Micro Devices AM8530H Datasheet HTML 99Page - Advanced Micro Devices AM8530H Datasheet HTML 100Page - Advanced Micro Devices AM8530H Datasheet HTML 101Page - Advanced Micro Devices AM8530H Datasheet HTML 102Page - Advanced Micro Devices AM8530H Datasheet HTML 103Page - Advanced Micro Devices AM8530H Datasheet HTML 104Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 194 page
background image
Support Circuitry Programming
AMD
5–6
5.3
BAUD RATE GENERATOR (BRG)
Each channel in the SCC contains a programmable BRG. Each generator consists of two
8-bit, time-constant registers forming a 16-bit time constant, a 16-bit down counter, and a
flip-flop on the output that makes the output a square wave. On start-up, the flip-flop on
the output is set High so that it starts in a known state, the value in the time-constant reg-
ister is again loaded into the counter, and the counter begins counting down.
Upon reaching a count of zero, the output of the BRG toggles and the time-constant value
held in WR12 and WR13 is reloaded into the down counter and the process of counting
down starts over. When the zero count is reached, the output of the BRG toggles, and for
the duration of the zero count, the Zero Count status signal goes active to the External/
Status interrupt section. Refer to Zero Count Section for details on the Zero Count Status
bit in RR0. While the BRG is disabled the state of the Zero Count status bit in RR0 will
always read ‘0’ providing the Zero Count IE bit in WR15 is reset. While the Zero Count IE
bit is set, the Zero Count status bit in RR0 will be set to ‘1’ for as long as the BRG counter
is at the count of zero. This status bit is forced active by a hardware reset.
No attempt is made to synchronize the loading of a new time constant with the clock used
to drive the BRG. When the time-constant is to be changed, the generator should be
stopped by resetting bit D0 of WR14. This ensures the loading of a correct time constant.
The time-constant for the BRG is programmed in WR12 and WR13, with the least signifi-
cant byte in WR12. The formulas relating the baud rate to the time-constant and vice
versa are shown in Table 5–1 with an example. In these formulas the BRG clock fre-
quency is in Hertz, the desired baud rate in bits/second and the time-constant is dimen-
sionless. The example in Table 5–2 assumes a 2.4576 MHz clock frequency and shows
the time-constant for a number of popular baud rates.
Table 5–1. Time Constant Formulas
Time Constant =
Clock Frequency
–2
2
• (Clock Mode) • (Baud Rate)
Baud Rate =
Clock Frequency
2
• (Clock Mode) • (Time Constant + 2)
Table 5–2. Baud Rate Example
Baud Rate
Divider
Decimal
Hex
38400
0
0000H
19200
2
0002H
9600
6
0006H
4800
14
000EH
2400
30
001EH
1200
62
003EH
600
126
007EH
300
254
00FEH
150
510
01FEH
For 2.4576 MHz, X16 Clock Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com