Electronic Components Datasheet Search
  English  ▼

X  

AM8530H Datasheet(PDF) 123 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 123 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 119Page - Advanced Micro Devices AM8530H Datasheet HTML 120Page - Advanced Micro Devices AM8530H Datasheet HTML 121Page - Advanced Micro Devices AM8530H Datasheet HTML 122Page - Advanced Micro Devices AM8530H Datasheet HTML 123Page - Advanced Micro Devices AM8530H Datasheet HTML 124Page - Advanced Micro Devices AM8530H Datasheet HTML 125Page - Advanced Micro Devices AM8530H Datasheet HTML 126Page - Advanced Micro Devices AM8530H Datasheet HTML 127Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 194 page
background image
Register Description
AMD
6–13
The transmitter uses the character stored in WR6 as a time fill. The sync character can
be either six or eight bits, depending on the state of the 6-bit/8-bit Sync bit in WR10. If the
Sync Character Load Inhibit bit is set, the receiver strips the contents of WR6 from the
data stream if received within character boundaries.
Bisync (01). The concatenation of WR7 with WR6 is used for receiver synchronization
and as time fill by the transmitter. The sync character can be 12 or 16 bits in the receiver,
depending on the state of the 6-bit/8-bit Sync bit in WR10. The transmitted character is
always 16 bits.
SDLC Mode (10). In this mode, SDLC is selected and requires a flag (01111110) to be
written to WR7. The receiver address field should be written to WR6. The SDLC CRC
polynomial must also be selected (WR5) in SDLC mode.
External Sync Mode (11). In this mode, the SCC expects external logic to signal charac-
ter synchronization via the SYNC pin. If the crystal oscillator option is selected (in
WR11), the internal SYNC signal is forced to ‘0’. Also in this mode, bits D7–D6 of this
register select a special version of External Sync mode. Refer to Synchronous External
SYNC Mode on page 4–41. The transmitter is in Monosync mode using the contents of
WR6 as the time fill with the sync character length specified by the 6-bit/8-bit Sync bit in
WR10.
Bits 3 and 2: Stop Bits 1 and 0
These bits determine the number of stop bits added to each asynchronous character that
is transmitted. The receiver always checks for one stop bit in Asynchronous mode. A
Special mode specifies that a Synchronous mode is to be selected. D2 is always set to
‘1’, by a channel or hardware reset to ensure that the
SYNC pin is in a known state after a
reset.
Synchronous Modes Enable (00). This bit combination selects one of the synchronous
modes specified by bits D4, D5, D6, and D7 of this register and forces the 1X Clock mode
internally.
1 Stop Bit/Character (1). This bit selects Asynchronous mode with one stop bit per char-
acter.
11/2 Stop Bits/Character (10). These bits select Asynchronous mode with 1-1/2 stop bits
per character. This mode cannot be used with the 1X clock mode.
2 Stop Bits/Character (11). These bits select Asynchronous mode with two stop bits per
transmitted character and check for one received stop bit.
Bit 1: Parity Even/Odd
This bit determines whether parity is checked as even or odd. A ‘1’ programmed here
selects even parity, and a ‘0’ selects odd parity. This bit is ignored if the Parity Enable bit
is not set.
Bit 0: Parity Enable
When this bit is set, an additional bit position beyond those specified in the bits/character
control is added to the transmitted data and is expected in the receive data. The Re-
ceived Parity bit is transferred to the CPU as part of the data unless eight bits per charac-
ter is selected in the receiver.
6.2.6
Write Register 5 (Transmit Parameter and Controls)
WR5 contains control bits that affect the operation of the transmitter. D2 affects both the
transmitter and the receiver. Bit positions for WR5 are shown in Figure 6–6. This register
is readable by executing a read to RR5 when D0 of WR15 and D6 of WR7’ are set to ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com