Electronic Components Datasheet Search
  English  ▼

X  

AM8530H Datasheet(PDF) 139 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 139 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 135Page - Advanced Micro Devices AM8530H Datasheet HTML 136Page - Advanced Micro Devices AM8530H Datasheet HTML 137Page - Advanced Micro Devices AM8530H Datasheet HTML 138Page - Advanced Micro Devices AM8530H Datasheet HTML 139Page - Advanced Micro Devices AM8530H Datasheet HTML 140Page - Advanced Micro Devices AM8530H Datasheet HTML 141Page - Advanced Micro Devices AM8530H Datasheet HTML 142Page - Advanced Micro Devices AM8530H Datasheet HTML 143Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 194 page
background image
Register Description
AMD
6–29
RxD input. Transmitted data are never seen inside or outside the SCC in this mode, and
CTS is ignored as a transmit enable. This bit is reset by a channel or hardware reset.
Bit 2: DTR/Transmit DMA Request Function
This bit selects the function of the
DTR/REQ pin. If this bit is set to ‘0’, the DTR/REQ pin
follows the inverted state of the DTR bit in WR5. If this bit is set to ‘1’, the
DTR/REQ pin
goes Low whenever the transmit buffer becomes empty and in any of the synchronous
modes when CRC has been sent at the end of a message. The request function on the
DTR/REQ pin differs from the transmit request function available on the W/REQ pin in
that Request does not go inactive until the internal operation satisfying the request is
complete, which occurs four to five PCLK cycles after the rising edge of READ or WRITE.
If the DMA used is edge-triggered, this difference is unimportant. This bit is reset by a
channel or hardware reset.
Bit 1: Baud Rate Generator Source
This bit selects the source of the clock for the baud rate generator. If this bit is set to ‘0’,
the baud rate generator clock comes from either the
RTxC pin or the XTAL oscillator (de-
pending on the state of the XTAL/no XTAL bit). If this bit is set to ‘1’, the clock for the
baud rate generator is the SCC’s PCLK input. Hardware reset sets this bit to ‘0’, select-
ing the
RTxC pin as the clock source for the baud rate generator.
Bit 0: Baud Rate Generator Enable
This bit controls the operation of the baud rate generator. The counter in the baud rate
generator is enabled for counting when this bit is set to ‘1’, and counting is inhibited when
this bit is set to ‘0’. When this bit is set to ‘1’, change in the state of this bit is not reflected
by the output of the baud rate generator for two counts of the counter. This allows the
command to be synchronized. However, when set to ‘0’, disabling is immediate. This bit is
reset by a hardware reset.
6.2.16
Write Register 15 (External/Status Interrupt
Control)
WR15 is the External/Status source control register. If the External/Status interrupts are
enabled as a group via WR1, bits in this register control which External/Status conditions
can cause an interrupt. Only the External/Status conditions that occur after the controlling
bit is sent to ‘1’, will cause an interrupt. This is true even if an External/Status condition is
pending at the time the bit is set. Bit positions for WR15 are shown in Figure 6–17.
D7 D6 D5 D4 D3 D2 D1 D0
DCD IE
SYNC/HUNT IE
CTS IE
Tx Underrun/EOM IE
SDLC/HDLC Enhancement Enable
Zero Count IE
10 x 19-Bit Frame Status FIFO Enable
Break/Abort IE
Figure 6–17. Write Register 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com