Electronic Components Datasheet Search
  English  ▼

X  

AM8530H Datasheet(PDF) 179 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 179 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 175Page - Advanced Micro Devices AM8530H Datasheet HTML 176Page - Advanced Micro Devices AM8530H Datasheet HTML 177Page - Advanced Micro Devices AM8530H Datasheet HTML 178Page - Advanced Micro Devices AM8530H Datasheet HTML 179Page - Advanced Micro Devices AM8530H Datasheet HTML 180Page - Advanced Micro Devices AM8530H Datasheet HTML 181Page - Advanced Micro Devices AM8530H Datasheet HTML 182Page - Advanced Micro Devices AM8530H Datasheet HTML 183Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 194 page
background image
SCC Application Notes
AMD
7–30
2.0
IOR
2
A/
B
GND
5
9
9
20
19
21
23
22
17
2947
Am8530H
7960
29809
18
15
16
10
12
14
11
2
24
3
RTS
TxD
TxC
CTS
ACB
CD
CS
RxC
HRST
TEST
MODE
13 RxD
TVCC
TV CC1
TVCC2
X1
X2
TxL0
TxL1
RxL0
4
1
RxL1
TSRC
22µF
6
56 pF
56 pF
75
Ω
PE5156X
3.3 K
Ω
7
16
23
17
18
19
24
20
22
15
12
21
14
13
B7
B0
B6
B5
B4
B3
B1
GND
B2
11
1
ACK
G
AD3 — AD11
C
E OUT
A1-A0
B1-B0
D0-D7
1- 8
VCC
+5 V
12-19
+5 V
1K
Ω
11
I/R
5
10
32
36
35
20
34
33
31
+5 V
INT
W/REQA
D/
C
WR
PCLK
CE
TxDA
TRxCA
TxDB
CTSA
DCDA
RTxCA
RxDA
INTACK
101
CTSB
DCDB
RxDB
15
14
25
18
19
12
13
8
7
9
22
21
17
RTSA
VCC
+5 V
3
1
2
26LS32
26LS29
15
100
Ω
2 – 10
A0 – A8
INT
DRQ1
AD0
PR
D
Q
PLCK
AD1
DACK1
.01 µF
VCC
ACM
12
4
RD
CD
D0-D7
9
IOW
Figure 7–18. 7960-Am8530H Hardware Interface Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com