Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 3 Page - Texas Instruments

  INA210 Datasheet HTML 1Page - Texas Instruments INA210 Datasheet HTML 2Page - Texas Instruments INA210 Datasheet HTML 3Page - Texas Instruments INA210 Datasheet HTML 4Page - Texas Instruments INA210 Datasheet HTML 5Page - Texas Instruments INA210 Datasheet HTML 6Page - Texas Instruments INA210 Datasheet HTML 7Page - Texas Instruments INA210 Datasheet HTML 8Page - Texas Instruments INA210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
INA210, INA211
INA212, INA213
INA214
www.ti.com
SBOS437E – MAY 2008 – REVISED JUNE 2013
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, VSENSE = VIN+ – VIN–.
INA210, INA213, and INA214: VS = +5V, VIN+ = 12V, and VREF = VS/2, unless otherwise noted.
INA211 and INA212: VS = +12V, VIN+ = 12V, and VREF = VS/2, unless otherwise noted.
INA210, INA211,
INA212, INA213, INA214
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Version A
–0.3
26
V
Common-Mode Input Range
VCM
Version B
–0.1
26
V
Common-Mode Rejection
CMR
VIN+ = 0V to +26V, VSENSE = 0mV
INA210, INA211, INA212,
105
140
dB
INA214
INA213
100
120
dB
Offset Voltage, RTI(1)
VOS
VSENSE = 0mV
INA210, INA211, INA212
±0.55
±35
μV
INA213
±5
±100
μV
INA214
±1
±60
μV
vs Temperature
dVOS/dT
0.1
0.5
μV/°C
VS = +2.7V to +18V, VIN+ = +18V,
vs Power Supply
PSR
±0.1
±10
μV/V
VSENSE = 0mV
Input Bias Current
IB
VSENSE = 0mV
15
28
35
μA
Input Offset Current
IOS
VSENSE = 0mV
±0.02
μA
OUTPUT
Gain, INA210
G
200
V/V
INA211
500
V/V
INA212
1000
V/V
INA213
50
V/V
INA214
100
V/V
Gain Error
VSENSE = –5mV to 5mV
±0.02
±1
%
vs Temperature
3
10
ppm/°C
Nonlinearity Error
VSENSE = –5mV to 5mV
±0.01
%
Maximum Capacitive Load
No sustained oscillation
1
nF
VOLTAGE OUTPUT(2)
RL = 10kΩ to GND
Swing to V+ Power-Supply Rail
(V+)–0.05
(V+)–0.2
V
Swing to GND
(VGND)+0.005
(VGND)+0.05
V
FREQUENCY RESPONSE
CLOAD = 10pF, INA210
14
kHz
CLOAD = 10pF, INA211
7
kHz
Bandwidth
GBW
CLOAD = 10pF, INA212
4
kHz
CLOAD = 10pF, INA213
80
kHz
CLOAD = 10pF, INA214
30
kHz
Slew Rate
SR
0.4
V/
μs
NOISE, RTI(1)
Voltage Noise Density
25
nV/
√Hz
(1)
RTI = referred-to-input.
(2)
See Typical Characteristic curve, Output Voltage Swing vs Output Current (Figure 10).
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: INA210 INA211 INA212 INA213 INA214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com