Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA210 Datasheet HTML 8Page - Texas Instruments INA210 Datasheet HTML 9Page - Texas Instruments INA210 Datasheet HTML 10Page - Texas Instruments INA210 Datasheet HTML 11Page - Texas Instruments INA210 Datasheet HTML 12Page - Texas Instruments INA210 Datasheet HTML 13Page - Texas Instruments INA210 Datasheet HTML 14Page - Texas Instruments INA210 Datasheet HTML 15Page - Texas Instruments INA210 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
INA21x
V+
OUT
GND
IN-
IN+
PRODUCT
R and R
3
4
INA210
INA211
INA212
INA213
INA214
5kW
2kW
1kW
20kW
10kW
C
BYPASS
NOTE: 1M
paths from shunt inputs to reference and INA21x outputs.
W
Shutdown
Control
REF
Reference
Voltage
1MW
R
3
1MW
R
4
Supply
Load
R
SHUNT
Output
INA210, INA211
INA212, INA213
INA214
SBOS437E – MAY 2008 – REVISED JUNE 2013
www.ti.com
SHUTTING DOWN THE INA210-INA214 SERIES
While the INA210-INA214 series does not have a shutdown pin, its low power consumption allows powering from
the output of a logic gate or transistor switch that can turn on and turn off the INA210-INA214 power-supply
quiescent current.
However, in current shunt monitoring applications. there is also a concern for how much current is drained from
the shunt circuit in shutdown conditions. Evaluating this current drain involves considering the simplified
schematic of the INA210-INA214 in shutdown mode shown in Figure 25.
Figure 25. Basic Circuit for Shutting Down INA210-INA214 with Grounded Reference
Note that there is typically slightly more than 1M
Ω impedance (from the combination of 1MΩ feedback and 5kΩ
input resistors) from each input of the INA210-INA214 to the OUT pin and to the REF pin. The amount of current
flowing through these pins depends on the respective ultimate connection. For example, if the REF pin is
grounded, the calculation of the effect of the 1M
Ω impedance from the shunt to ground is straightforward.
However, if the reference or op amp is powered while the INA210-INA214 is shut down, the calculation is direct;
instead of assuming 1M
Ω to ground, however, assume 1MΩ to the reference voltage. If the reference or op amp
is also shut down, some knowledge of the reference or op amp output impedance under shutdown conditions is
required. For instance, if the reference source behaves as an open circuit when it is unpowered, little or no
current flows through the 1M
Ω path.
Regarding the 1M
Ω path to the output pin, the output stage of a disabled INA210-INA214 does constitute a good
path to ground; consequently, this current is directly proportional to a shunt common-mode voltage impressed
across a 1M
Ω resistor.
As a final note, when the device is powered up, there is an additional, nearly constant, and well-matched 25
μA
that flows in each of the inputs as long as the shunt common-mode voltage is 3V or higher. Below 2V common-
mode, the only current effects are the result of the 1M
Ω resistors.
12
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: INA210 INA211 INA212 INA213 INA214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com