Electronic Components Datasheet Search
  English  ▼

X  

IR2102 Datasheet(PDF) 3 Page - International Rectifier

Part # IR2102
Description  HIGH AND LOW SIDE DRIVER Product Summary
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2102 Datasheet(HTML) 3 Page - International Rectifier

  IR2102 Datasheet HTML 1Page - International Rectifier IR2102 Datasheet HTML 2Page - International Rectifier IR2102 Datasheet HTML 3Page - International Rectifier IR2102 Datasheet HTML 4Page - International Rectifier IR2102 Datasheet HTML 5Page - International Rectifier IR2102 Datasheet HTML 6Page - International Rectifier IR2102 Datasheet HTML 7Page - International Rectifier IR2102 Datasheet HTML 8Page - International Rectifier IR2102 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IR2101(S)/IR2102(S) & (PbF)
www.irf.com
3
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
Logic “1” input voltage (IR2101)
Logic “0” input voltage (IR2102)
VIL
Logic “0” input voltage (IR2101)
Logic “1”input voltage (IR2102)
VOH
High level output voltage, VBIAS - VO
—
—
100
IO = 0A
VOL
Low level output voltage, VO
—
—
100
IO = 0A
ILK
Offset supply leakage current
—
—
50
VB = VS = 600V
IQBS
Quiescent VBS supply current
—
30
55
VIN = 0V or 5V
IQCC
Quiescent VCC supply current
—
150
270
VIN = 0V or 5V
IIN+
Logic “1” input bias current
IIN-
Logic “0” input bias current
VCCUV+
VCC supply undervoltage positive going
8
8.9
9.8
threshold
VCCUV-
VCC supply undervoltage negative going
7.4
8.2
9
threshold
IO+
Output high short circuit pulsed current
130
210
—
VO = 0V
VIN = Logic “1”
PW
≤ 10 µs
IO-
Output low short circuit pulsed current
270
360
—
VO = 15V
VIN = Logic “0”
PW
≤ 10 µs
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
ton
Turn-on propagation delay
—
160
220
VS = 0V
toff
Turn-off propagation delay
—
150
220
VS = 600V
tr
Turn-on rise time
—
100
170
tf
Turn-off fall time
—
50
90
MT
Delay matching, HS & LS turn-on/off
—
—
50
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V and TA = 25°C unless otherwise specified. The VIN, VTH and IIN parameters are referenced to
COM. The VO and IO parameters are referenced to COM and are applicable to the respective output leads: HO or LO.
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000 pF and TA = 25°C unless otherwise specified.
V
mA
3
—
—
VCC = 10V to 20V
V
—
—
0.8
VCC = 10V to 20V
mV
µA
—
3
10
—
—
1
VIN = 5V (IR2101)
VIN = 5V (IR2102)
VIN = 0V (IR2101)
VIN = 0V (IR2102)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com